Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC850 Datasheet(PDF) 11 Page - TelCom Semiconductor, Inc

Part # TC850
Description  15-BIT, FAST-INTEGRATING CMOS ANALOG-TO-DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC850 Datasheet(HTML) 11 Page - TelCom Semiconductor, Inc

Back Button TC850 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC850 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC850 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC850 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC850 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC850 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC850 Datasheet HTML 12Page - TelCom Semiconductor, Inc TC850 Datasheet HTML 13Page - TelCom Semiconductor, Inc TC850 Datasheet HTML 14Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
3-87
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
where fCLOCK is the crystal or external oscillator frequency
and VFS is the maximum input voltage.
The integration capacitor should be selected for low
dielectric absorption to prevent roll-over errors. A polypro-
pylene, polyester or polycarbonate dielectric capacitor is
recommended.
Reference Capacitors
The reference capacitors require a low leakage dielec-
tric, such as polypropylene, polyester or polycarbonate. A
value of 1
µF is recommended for operation over the tem-
perature range. If high-temperature operation is not re-
quired, the CREF values can be reduced.
Auto-Zero Capacitors
Five capacitors are required to auto-zero the input
buffer, integrator amplifier, and comparator. Recommended
capacitors are 0.1
µF film dielectric (such as polyester or
polypropylene). Ceramic capacitors are not recommended.
DIGITAL SECTION APPLICATION
Oscillator
The TC850 may operate with a crystal oscillator. The
crystal selected should be designed for a Pierce oscillator,
such as an AT-cut quartz crystal. The crystal oscillator
schematic is shown in Figure 6.
Since low frequency crystals are very large and ceramic
resonators are too lossy, the TC850 clock should be derived
from an external source, such as a microprocessor clock.
The clock should be input on the OSC1 pin and no connec-
tion should be made to the OSC2 pin. The external clock
should swing between DGND and VDD.
Since oscillator frequency is
÷ 4 internally and each
conversion requires 1280 internal clock cycles, the conver-
sion time will be:
Integration Capacitor
The integration capacitor should be selected to produce
an integrator swing of
≈4V at full scale. The capacitor value
is easily calculated:
An important advantage of the integrating ADC is the
ability to reject periodic noise. This feature is most often
used to reject line frequency (50Hz or 60Hz) noise. Noise
rejection is accomplished by selecting the integration period
equal to one or more line frequency cycles. The desired
clock frequency is selected as follows:
Data Bus Interfacing
The TC850 provides an easy and flexible digital inter-
face. A 3-state data bus and six control inputs permit the
TC850 to be treated as a memory device, in most applica-
tions. The conversion result can be accessed over an 8-bit
bus or via a
µP I/O port.
A typical
µP bus interface for the TC850 is shown in
Figure 7. In this example, the TC850 operates in the demand
mode, and conversion begins when a write operation is
performed to any decoded address space. The BUSY
output interrupts the
µP at the end-of-conversion.
The A/D conversion result is read as three memory
bytes. The two LSBs of the address bus select high/low byte
and overrange/polarity bit data, while high-order address
lines enable the CE input.
Figure 8 shows a typical interface to a
µP I/O port or
single-chip
µC. The TC850 operates in the continuous
mode, and can either interrupt the
µC/µP or be polled with an
input pin.
Conversion time = fCLOCK × 4 × 1280.
fCLOCK = fNOISE × 4 × 256,
where fNOISE is the noise frequency to be rejected, 4 repre-
sents the clock divider, and 256 is the number of integrate
cycles.
For example, 60Hz noise will be rejected with a clock
frequency of 61.44kHz, giving a conversion rate of 12
conversions/sec. Integer submultiples of 61.44kHz (such as
30.72kHz, etc.) will also reject 60Hz noise. For 50Hz noise
rejection, a 51.2kHz frequency is recommended.
If noise rejection is not important, other clock frequen-
cies can be used. The TC850 will typically operate at
conversion rates ranging from 3 to 40 conversions/sec,
corresponding to oscillator frequencies from 15.36kHz to
204.8kHz.
Figure 6. Crystal Oscillator Schematic
C =
,
VFS
RINT
4 • 256
4V • fCLOCK
100 pF
100 pF
17
TC850
18
61.44 kHz
10 M
SYSTEM
CLOCK
÷4
TC850
15-BIT, FAST-INTEGRATING CMOS
ANALOG-TO-DIGITAL CONVERTER


Similar Part No. - TC850

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC850 MICROCHIP-TC850 Datasheet
539Kb / 26P
   15-Bit, Fast Integrating CMOS A/D Converter
2006
TC850 MICROCHIP-TC850 Datasheet
350Kb / 30P
   15-Bit, Fast Integrating CMOS A/D Converter
11/29/12
logo
NXP Semiconductors
TC8500 PHILIPS-TC8500 Datasheet
1Mb / 82P
   Sistemas de Conmutador-Control Microprocesador-Base Allegiant
1997
logo
Microchip Technology
TC850CLW MICROCHIP-TC850CLW Datasheet
539Kb / 26P
   15-Bit, Fast Integrating CMOS A/D Converter
2006
TC850CPL MICROCHIP-TC850CPL Datasheet
539Kb / 26P
   15-Bit, Fast Integrating CMOS A/D Converter
2006
More results

Similar Description - TC850

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC850 MICROCHIP-TC850_13 Datasheet
350Kb / 30P
   15-Bit, Fast Integrating CMOS A/D Converter
11/29/12
TC850 MICROCHIP-TC850 Datasheet
539Kb / 26P
   15-Bit, Fast Integrating CMOS A/D Converter
2006
logo
Exar Corporation
MP7533 EXAR-MP7533 Datasheet
83Kb / 8P
   15 V CMOS Multiplying10-Bit Digital-to-Analog Converter
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7614 EXAR-MP7614 Datasheet
91Kb / 8P
   15 V CMOS Multiplying 14-Bit Digital-to-Analog Converter
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
   15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7616 EXAR-MP7616 Datasheet
91Kb / 8P
   15 V CMOS 16-Bit Multiplying Digital-to-Analog Converter
logo
Intronics Power, Inc.
DAS1152 INTRONICS-DAS1152 Datasheet
868Kb / 4P
   14-Bit & 15-Bit Sampling Analog To Digital Converter
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP8780 EXAR-MP8780 Datasheet
1,008Kb / 11P
   CMOS 8 BIT VIDEO ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com