Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1994CDD Datasheet(PDF) 7 Page - Linear Technology

Part # LT1994CDD
Description  Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1994CDD Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1994CDD Datasheet HTML 3Page - Linear Technology LT1994CDD Datasheet HTML 4Page - Linear Technology LT1994CDD Datasheet HTML 5Page - Linear Technology LT1994CDD Datasheet HTML 6Page - Linear Technology LT1994CDD Datasheet HTML 7Page - Linear Technology LT1994CDD Datasheet HTML 8Page - Linear Technology LT1994CDD Datasheet HTML 9Page - Linear Technology LT1994CDD Datasheet HTML 10Page - Linear Technology LT1994CDD Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT1994
7
1994fa
FREQUENCY (Hz)
–110
–100
–90
–80
–70
–40
–50
–60
1994 G15
VS = 3V
VIN = 2VP-P (SINGLE ENDED)
FIN = 1MHz
RF = RI = 499Ω
RL = 800Ω
VOCM = MID-SUPPLY
VICM = MID-SUPPLY
3RD
2ND
100k
1M
10M
2
µs/DIV
1994 G20
OUT+
OUT
VIN = 10VP-P SINGLE ENDED
VS = 3V
RF = RI = 499Ω
20ns/DIV
1994 G18
25pF LOAD
0pF LOAD
OUT+
OUT
VS = 3V
RF = RI = 499Ω
VIN = 100mVP-P,
SINGLE ENDED
100ns/DIV
1994 G19
OUT+
OUT
VIN = 3VP-P SINGLE ENDED
VS = 3V
RF = RI = 499Ω
VCM = V
25ns/DIV
1994 G17
VOUT
–0.1%
ERROR
VS = 3V
RF = RI = 499Ω
+0.1%
ERROR
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
60
62
64
66
68
–25
025
50
1994 G16
75
100
VS = 3V
VS = ±5V
RF = RI = 499Ω
Differential Distortion vs
Frequency
Slew Rate vs Temperature
2V Step Response Settling
Small Signal Step Response
Large Signal Step Response
Output with Large Input Overdrive


Similar Part No. - LT1994CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1994 LINER-LT1994 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1994 LINER-LT1994 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LT1994 LINER-LT1994 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LT1994 LINER-LT1994 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LT1994 LINER-LT1994 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LT1994CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1 Datasheet
218Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1_15 Datasheet
242Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6404 LINER-LTC6404_15 Datasheet
344Kb / 28P
   600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
LTC6404 LINER-LTC6404 Datasheet
344Kb / 28P
   600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LTC6410-6 LINER-LTC6410-6 Datasheet
345Kb / 16P
   Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com