Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVD145 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # HVD145
Description  Silicon Epitaxial Planar Pin Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

HVD145 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  HVD145 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-123
3.7+0.1
-0.1
2.7+0.1
-0.1
0.1max
0.50
0.35
1.1+0.05
-0.05
Silicon Epitaxial Planar Pin Diode
HVD145
Features
An optimal solution for antenna switching in mobile phones.
Low capacitance. (C = 0.45 pF max)
Low forward resistance. (rf = 1.8
max)
A b s o lu te M a x im u m R atings T a = 2 5
P a r a m e t e r
S y m bol
V a lu e
U nit
R e v e r s e v olt age
V R
60
V
F o r w ar d c ur r ent
I F
50
m A
P o w e r d is s ip a t io n
P d
150
m W
Junct ion t e m per at ur e
T j
125
S t or age t e m per at ur e
T stg
- 5 5t o+ 1 2 5
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current
IR
VR = 60 V
100
A
Reverse voltage
VF
IR =2mA
0.9
V
Capacitance
C
VR = 1 V, f = 1 MHz
0.45
pF
Forward resistance
rf
IF =10mA,f=100MHz
1.8
C=200pF, R=0
,Bothforward
and reversedirection1pulse.
Note
1. Failure criterion ; IR > 100 nA at VR =60 V
ESD-Capability
*1
V
100
Marking
Marking
T5


Similar Part No. - HVD145

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVD145 RENESAS-HVD145 Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
More results

Similar Description - HVD145

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
HVU132 KEXIN-HVU132 Datasheet
31Kb / 1P
   Silicon Epitaxial Planar Pin Diode
logo
SEMTECH ELECTRONICS LTD...
1PS14SE SEMTECH_ELEC-1PS14SE Datasheet
283Kb / 2P
   Silicon Epitaxial Planar PIN Diode
1PS250 SEMTECH_ELEC-1PS250 Datasheet
303Kb / 2P
   Silicon Epitaxial Planar PIN Diode
logo
Guangdong Kexin Industr...
HVD142 KEXIN-HVD142 Datasheet
32Kb / 1P
   Silicon Epitaxial Planar Pin Diode
HVU133 KEXIN-HVU133 Datasheet
32Kb / 1P
   Silicon Epitaxial Planar Pin Diode
logo
Shenzhen Taychipst Elec...
1SV121 TAYCHIPST-1SV121 Datasheet
5Mb / 2P
   SILICON EPITAXIAL PLANAR PIN DIODE
logo
SEMTECH ELECTRONICS LTD...
1PS251SE SEMTECH_ELEC-1PS251SE Datasheet
273Kb / 2P
   Silicon Epitaxial Planar PIN Diode
logo
Guangdong Kexin Industr...
HVC132 KEXIN-HVC132 Datasheet
31Kb / 1P
   Silicon Epitaxial Planar Pin Diode
HVC133 KEXIN-HVC133 Datasheet
32Kb / 1P
   Silicon Epitaxial Planar Pin Diode
HVC134 KEXIN-HVC134 Datasheet
32Kb / 1P
   Silicon Epitaxial Planar Pin Diode
logo
SEMTECH ELECTRONICS LTD...
1PS3C02CCW SEMTECH_ELEC-1PS3C02CCW Datasheet
494Kb / 2P
   Silicon Epitaxial Planar PIN Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com