Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC811CKW Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC811CKW
Description  3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC811CKW Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC811CKW Datasheet HTML 1Page - TelCom Semiconductor, Inc TC811CKW Datasheet HTML 2Page - TelCom Semiconductor, Inc TC811CKW Datasheet HTML 3Page - TelCom Semiconductor, Inc TC811CKW Datasheet HTML 4Page - TelCom Semiconductor, Inc TC811CKW Datasheet HTML 5Page - TelCom Semiconductor, Inc TC811CKW Datasheet HTML 6Page - TelCom Semiconductor, Inc TC811CKW Datasheet HTML 7Page - TelCom Semiconductor, Inc TC811CKW Datasheet HTML 8Page - TelCom Semiconductor, Inc TC811CKW Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
3-137
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC811
TC811CPL
THOUSANDS
HUNDREDS
TENS
UNITS
4
39
OSC
V
TEST
TO SWITCH DRIVERS
FROM COMPARATOR OUTPUT
CLOCK
7 SEGMENT
DECODE
40
2
OSC1
CONTROL LOGIC
26
500
DATA LATCH
+
BUFF
CREF
RINT
V
+
CAZ
VINT
28
29
27
34
36
35
10
µA
31
ZI & A/Z
INT
AZ & DE (
±)
32
INT
26
INTEGRATOR
TO
DIGITAL
SECTION
DE (+)
DE
(–)
DE
(+)
DE (–)
ANALOG
COMMON
C REF
+
V IN
+
V IN
V
CINT
VREF
+
VREF
ZI &
A/Z
CREF
+
33
+
LCD SEGMENT DRIVERS
200
BACKPLANE
fOSC
V
VTH
= 1V
V
+
INTERNAL DIGITAL GOUND
LOW
TEMPCO
VREF
COMPARATOR
A/Z
ZI
V+– 3.0V
38
470k
10pF
7 SEGMENT
DECODE
7 SEGMENT
DECODE
21
TYPICAL SEGMENT OUTPUT
INTERNAL DIGITAL GROUND
SEGMENT
OUTPUT
V
+
0.5mA
2mA
6.2V
LCD DISPLAY
+
38
20pF
V
+
V
+
22M
HLDR
≈70kΩ
A/Z
30
kH
1
FUNCTIONAL BLOCK DIAGRAM
ORDERING INFORMATION
Temp.
Max VREF
Part No.
Package
Range
Tempco
TC811CKW 44-PQFP
0
°C to +70°C 75 ppm/°C
TC811CPL
40-Pin Plastic DIP 0
°C to +70°C 75 ppm/°C
3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL
REFERENCE INPUTS
FEATURES
s
Differential Reference Input
s
Display Hold Function
s
Fast Over-Range Recovery, Guaranteed Next
Reading Accuracy
s
Low Temperature Drift Internal
Reference ....................................... 35ppm/
°C (Typ)
s
Guaranteed Zero Reading With Zero Input
s
Low Noise ..................................................... 15
µVp-p
s
High Resolution (0.05%) and Wide Dynamic
Range (72 dB)
s
High Impedance Differential Input
s
Low Input Leakage Current ....................... 1pA Typ
10pA Max
s
Direct LCD Drive – No External Components
s
Precision Null Detection with True Polarity at Zero
s
Crystal Clock Oscillator
s
Available in DIP, Compact Flat Package or PLCC
s
Convenient 9V Battery Operation with
Low Power Dissipation (600
µA Typical, 1mW
Maximum)
TYPICAL APPLICATIONS
s
Thermometry
s
Digital Meters
— Voltage/Current/Power
— pH Measurement
— Capacitance/Inductance
— Fluid Flow Rate/Viscosity
— Humidity
— Position
s
Panel Meters
s
LVDT Indicators
s
Portable Instrumentation
s
Digital Scales
s
Process Monitors
s
Gaussometers
s
Photometers
TC811-7 11/5/96


Similar Part No. - TC811CKW

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC811CKW MICROCHIP-TC811CKW Datasheet
120Kb / 14P
   3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
More results

Similar Description - TC811CKW

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME811 AME-AME811 Datasheet
905Kb / 15P
   3-1/2 Digit A/D Converter - Low Power With HOLD And Differential Reference Inputs
logo
Microchip Technology
TC811 MICROCHIP-TC811 Datasheet
120Kb / 14P
   3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
logo
Maxim Integrated Produc...
ICL7117RCPL MAXIM-ICL7117RCPL Datasheet
197Kb / 4P
   31/2 Digit A/D Converter With Display Hold
Rev 0; 1985
logo
Microchip Technology
TC815 MICROCHIP-TC815 Datasheet
595Kb / 26P
   3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
2002
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Maxim Integrated Produc...
ICL7116 MAXIM-ICL7116 Datasheet
193Kb / 4P
   3쩍 Digit A/D Converter With Display Hold
19-5038; Rev 0; 1985
logo
New Japan Radio
NJU9203B NJRC-NJU9203B Datasheet
200Kb / 4P
   3.1/2 DIGIT SINGLE CHIP A/D CONVERTER WITH DISPLAY HOLD
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com