Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1773 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1773
Description  PNP Epitaxial Planar Silicon Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1773 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1773 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1773 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector Cutoff Current
ICBO
VCB=-300V,IE=0
-0.1
ìA
Emitter Cutoff Current
IEBO
VEB=-4V,IC=0
-0.1
ìA
DC Current Gain*
hFE
VCE=-10V,IC=-100mA
40
200
Gain- Bandwidth Product
fT
VCE=-10V,IC=-50mA
40
MHz
C-E Saturation Voltage
VCE(sat)
IC=-500mA,IB=-50mA
-1.0
V
B-E Saturation Voltage
VBE(sat)
IC=-500mA,IB=-50mA
-1.0
V
C-B Breakdown Voltage
V(BR)CBO
IC=-10ìA,IE=0
-400
V
C-E Breakdown Voltage
V(BR)CEO
IC=-1mA,RBE=
-400
V
E-B Breakdown Voltage
V(BR)EBO
IE=-10ìA,IC=0
-5
V
Output Capacitance
Cob
VCB=-30V,f=1MHz
25
pF
Turn-ON Time
ton
0.12
Storage Time
tstg
3
Fall Time
tf
0.3
ìs
hFE Classification
Rank
C
D
E
hFE
40 to 80
60 to 120
100 to 200
2SA1773


Similar Part No. - 2SA1773

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1773 SANYO-2SA1773 Datasheet
135Kb / 4P
   High Voltage Driver Applications????????????
logo
Inchange Semiconductor ...
2SA1773 ISC-2SA1773 Datasheet
356Kb / 2P
   isc Silicon PNP Power Transistor
More results

Similar Description - 2SA1773

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com