Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FZT956 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part No. FZT956
Description  NPN Silicon Planar High Voltage Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Homepage  www.chinakexin.com/
Logo 

   
 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
SOT-223
Unit: mm
3.00+0.1
-0.1
0.70+0.1
-0.1
2.9
4.6
6.50+0.2
-0.2
3.50+0.2
-0.2
0.90+0.2
-0.2
7.00+0.3
-0.3
12
4
3
1 Base
2 Collector
3 Emitter
4 Collector
NPN Silicon Planar High Voltage Transistor
FZT955;FZT956
Features
4 Amps continuous current
Very low saturation voltages
Excellent gain characteristics specified up to 3 Amps
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
FZT955
FZT956
Unit
Collector-Base Voltage
VCBO
-180
-220
V
Collector-Emitter Voltage
VCEO
-140
-200
V
Emitter-Base Voltage
VEBO
-6
-6
V
Peak Pulse Current
ICM
-10
-5
A
Continuous Collector Current
IC
-4
-2
A
Power Dissipation at Tamb=25
Ptot
33
W
Operating and Storage Temperature Range
Tj:Tstg
-55to+150
-55to+150




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BSS64SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR 1 Zetex Semiconductors
ZTX658_02NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR 1 2 3 Zetex Semiconductors
FXTA42NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR 1 Zetex Semiconductors
BFN16SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR 1 Zetex Semiconductors
BST40SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR 1 Zetex Semiconductors
CSD13002NPN SILICON PLANAR EPITAXIAL HIGH SPEED HIGH VOLTAGE SWITCHING TRANSISTOR 1 2 3 4 Continental Device India Limited
BFN18SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR 1 Zetex Semiconductors
BD115NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR 1 2 TRANSYS Electronics Limited
FCX495_07SOT89 NPN silicon planar high voltage transistor 1 2 3 4 5 MoreZetex Semiconductors
BFN36SOT223 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR 1 Zetex Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl