Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1475 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1475
Description  PNP Silicon Epitaxial Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1475 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1475 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
1 Emitter
2 Base
3 Collector
PNP Silicon Epitaxial Transistor
2SB1475
Features
Super miniature package.
High DC current IC(DC)=500mA max.
Low VCE(sat):VCE(sat)=-60mV at -100mA
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
-25
V
Collector to emitter voltage
VCEO
-16
V
Emitter to base voltage
VEBO
-6
V
Collector current
IC
-500
mA
Total power dissipation
PT
150
mW
Junction temperature
Tj
150
Storage temperature range
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB =-16 V, IE = 0
-100
nA
Emitter cutoff current
IEBO
VEB =-6.0V, IC = 0
-100
nA
DC current gain *
hFE
VCE =-1.0V, IC = -100 mA
110
200
400
IC = -100 mA, IB = -10 mA
-60
-120
mV
IC = -500 mA, IB = -20 mA
-250
-400
mV
Base saturation voltage *
VBE(sat) IC =-2A, IB = -0.1A
-0.95
-1.2
V
Base-emitter voltage *
VBE
VCE =-1.0V, IC = -10 mA
-0.66
-0.7
V
Gain bandwidth product
fT
VCE =-3.0V, IE = 100 mA
50
MHz
Output capacitance
Cob
VCB =-10 V, IE = 0 , f = 1.0 MHz
15
pF
* Pulsed: PW
350 µs, duty cycle
2%
VCE(sat)
Collector saturation voltage *
hFE Classification
Marking
B42
B43
B44
hFE
110
240
190
320
270
400


Similar Part No. - 2SB1475

ManufacturerPart #DatasheetDescription
logo
NEC
2SB1475 NEC-2SB1475 Datasheet
261Kb / 4P
   PNP SILICON EPITAXIAL TRANSISTOR AUDIO FREQUENCY AMPLIFIER
logo
Renesas Technology Corp
2SB1475 RENESAS-2SB1475 Datasheet
384Kb / 6P
   SILICON TRANSISTOR
1991
logo
Guangdong Kexin Industr...
2SB1475 KEXIN-2SB1475_15 Datasheet
1Mb / 3P
   PNP Transistors
More results

Similar Description - 2SB1475

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com