Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC846W Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC846W
Description  NPN General Purpose Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC846W Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BC846W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC846W Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
1 Emitter
2 Base
3 Collector
NPN General Purpose Transistor
BC846W,BC847W,BC848W
Features
Low current (max. 100 mA).
Low voltage (max. 65 V).
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
BC846W
BC847W
BC848W
Unit
Collector-base voltage
VCBO
80
50
30
V
Collector-emitter voltage
VCEO
65
45
30
V
Emitter-base voltage
VEBO
665
V
Collector current
IC
mA
Peak collector current
ICM
mA
Peak base current
IBM
mA
Total power dissipation
Ptot
mW
Junction temperature
Tj
Storage temperature
Tstg
Operating ambient temperature
Ramb
Thermal resistance from junction to ambient
Rth j-a
K/W
150
-65 to +150
-65 to +150
625
100
200
200
200


Similar Part No. - BC846W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846W PHILIPS-BC846W Datasheet
50Kb / 8P
   NPN general purpose transistors
1999 Apr 23
logo
Central Semiconductor C...
BC846W CENTRAL-BC846W Datasheet
422Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
logo
Foshan Blue Rocket Elec...
BC846W FOSHAN-BC846W Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
logo
KEC(Korea Electronics)
BC846W KEC-BC846W Datasheet
251Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
NXP Semiconductors
BC846W NXP-BC846W Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
More results

Similar Description - BC846W

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com