Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1259 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1259
Description  Silicon NPN Triple Diffusion Planar Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1259 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1259 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
www.kexin.com.cn
Silicon NPN Triple Diffusion Planar Type
2SD1259;2SD1259A
Features
High forward current transfer ratio hFE.
Satisfactory linearity of forward current transfer ratio hFE.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
2SD1259
80
V
2SD1259A
100
V
Collector-emitter voltage
2SD1259
60
V
2SD1259A
80
V
Emitter-base voltage
VEBO
6V
Collector current
IC
3A
Peak collector current
ICP
6A
Base current
IB
1A
Collector power dissipation
Ta = 25
1.3
W
40
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
VCBO
VCEO
PC
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-emitter voltage
2SD1259
60
V
2SD1259A
80
V
Collector-base cutoff current
2SD1259
VCB =80V, IE = 0
100
ìA
2SD1259A
VCB = 100 V, IE = 0
100
ìA
Collector-emitter cutoff current
ICEO
VCE =40V, IB = 0
100
ìA
Emitter-base cutoff current
IEBO
VEB =6V, IC = 0
100
ìA
Forward current transfer ratio
hFE
VCE =4V, IC = 0.5 A
500
2500
Collector-emitter saturation voltage
VCE(sat) IC =2A, IB =0.05A
1.0
V
Transition frequency
fT
VCE =12V, IC = 0.2 A,f= 10 MHz
50
MHz
ICBO
VCEO
IC =25mA, IB =0
hFE Classification
Rank
Q
P
O
hFE
500
1000
800
1500
1200
2500


Similar Part No. - 2SD1259

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1259 PANASONIC-2SD1259 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type
2SD1259A PANASONIC-2SD1259A Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type
More results

Similar Description - 2SD1259

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
   Silicon NPN triple diffusion planar type
2SC3496 PANASONIC-2SC3496 Datasheet
98Kb / 4P
   Silicon NPN triple diffusion planar type
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type
2SC5121 PANASONIC-2SC5121 Datasheet
38Kb / 2P
   Silicon NPN triple diffusion planar type
2SD1742 PANASONIC-2SD1742 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type
2SD1264A-P PANASONIC-2SD1264A-P Datasheet
208Kb / 3P
   Silicon NPN triple diffusion planar type
2SC5392 PANASONIC-2SC5392 Datasheet
158Kb / 3P
   Silicon NPN triple diffusion planar type
logo
Guangdong Kexin Industr...
2SD1250 KEXIN-2SD1250 Datasheet
39Kb / 1P
   Silicon NPN Triple Diffusion Planar Type
2SD2453 KEXIN-2SD2453 Datasheet
40Kb / 1P
   Silicon NPN Triple Diffusion Planar Type
logo
Panasonic Semiconductor
2SD1719 PANASONIC-2SD1719 Datasheet
94Kb / 4P
   Silicon NPN triple diffusion planar type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com