Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7107CKW Datasheet(PDF) 11 Page - TelCom Semiconductor, Inc

Part # TC7107CKW
Description  3-1/2 DIGIT A/D CONVERTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7107CKW Datasheet(HTML) 11 Page - TelCom Semiconductor, Inc

Back Button TC7107CKW Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7107CKW Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7107CKW Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7107CKW Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7107CKW Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7107CKW Datasheet HTML 12Page - TelCom Semiconductor, Inc TC7107CKW Datasheet HTML 13Page - TelCom Semiconductor, Inc TC7107CKW Datasheet HTML 14Page - TelCom Semiconductor, Inc TC7107CKW Datasheet HTML 15Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
3-193
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
Oscillator Components
ROSC (Pin 40 to Pin 39) should be 100kΩ. COSC is
selected using the equation:
For fOSC of 48kHz, COSC is 100pF nominally.
Note that fOSC is divided by four to generate the TC7106A
internal control clock. The backplane drive signal is derived
by dividing fOSC by 800.
To achieve maximum rejection of 60Hz noise pickup,
the signal-integrate period should be a multiple of 60Hz.
Oscillator frequencies of 240kHz, 120kHz, 80kHz, 60kHz,
48kHz, 40kHz, etc. should be selected. For 50 Hz rejection,
oscillator frequencies of 200kHz, 100kHz, 66 2/3kHz, 50kHz,
40kHz, etc. would be suitable. Note that 40kHz (2.5 read-
ings/second) will reject both 50Hz and 60Hz.
Reference Voltage Selection
A full-scale reading (2000 counts) requires the input
signal be twice the reference voltage.
Required Full-Scale Voltage*
VREF
200.0mV
100.0mV
2.000V
1.000V
* VFS = 2 VREF
In some applications a scale factor other than unity may
exist between a transducer output voltage and the required
digital reading. Assume, for example, a pressure transducer
output is 400mV for 2000 lb/in2. Rather than dividing the
input voltage by two the reference voltage should be set to
200mV.
This permits the transducer input to be used
directly.
The differential reference can also be used when a
digital zero reading is required when VIN is not equal to zero.
This is common in temperature measuring instrumentation.
A compensating offset voltage can be applied between
analog common and V
IN.
The transducer output is con-
nected between V+IN and analog common.
The internal voltage reference potential available at
analog common will normally be used to supply the convert-
er's reference. This potential is stable whenever the supply
potential is greater than approximately 7V. In applications
where an externally-generated reference voltage is desired,
refer to Figure 7.
fOSC =
0.45
RC
Integrating Capacitor – CINT
CINT should be selected to maximize the integrator
output voltage swing without causing output saturation. Due
to the TC7106A/7107A superior temperature coefficient
specification, analog common will normally supply the differ-
ential voltage reference. For this case a
±2V full-scale
integrator output swing is satisfactory. For 3 readings/
second (fOSC = 48kHz) a 0.22µF value is suggested. If a
different oscillator frequency is used, CINT must be changed
in inverse proportion to maintain the nominal
±2 V integrator
swing.
An exact expression for CINT is:
CINT =
VINT
Where:
fOSC = Clock frequency at Pin 38
VFS = Full-scale input voltage
RINT = Integrating resistor
VINT = Desired full-scale integrator output swing
CINT must have low dielectric absorption to minimize
rollover error. A polypropylene capacitor is recommended.
Integrating Resistor – RINT
The input buffer amplifier and integrator are designed
with class A output stages. The output stage idling current
is 100
µA. The integrator and buffer can supply 20µA drive
currents with negligible linearity errors. RINT is chosen to
remain in the output stage linear drive region but not so large
that printed circuit board leakage currents induce errors. For
a 200mV full-scale, RINT is 47kΩ. 2.0V full-scale requires
470k
Ω.
Component
Nominal Full-Scale Voltage
Value
200.0mV
2.000V
CAZ
0.47
µF
0.047
µF
RINT
47k
470k
CINT
0.22
µF
0.22
µF
Note:1.
fOSC = 48kHz (3 readings/sec)
VFS
RINT
1
fOSC
(4000) (
) (
)
TC7106
TC7106A
TC7107
TC7107A
3-1/2 DIGIT A/D CONVERTERS


Similar Part No. - TC7107CKW

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7107CKW713 MICROCHIP-TC7107CKW713 Datasheet
411Kb / 34P
   3-1/2 Digit Analog-to-Digital Converters
01/02/08
More results

Similar Description - TC7107CKW

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC14433 TELCOM-TC14433 Datasheet
149Kb / 10P
   3-1/2 DIGIT A/D CONVERTERS
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
National Semiconductor ...
ADC3511 NSC-ADC3511 Datasheet
286Kb / 9P
   3 1/2 DIGIT MICROPROCESSOR COMPATIBLE A/D
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Renesas Technology Corp
CA3162 RENESAS-CA3162 Datasheet
464Kb / 8P
   A/D Converters for 3-Digit Display
logo
Intersil Corporation
CA3162 INTERSIL-CA3162 Datasheet
109Kb / 7P
   A/D Converters for 3-Digit Display
August 1997
CA3162 INTERSIL-CA3162_02 Datasheet
579Kb / 7P
   A/D Converters for 3-Digit Display
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com