Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1963AEFE-3.3TR Datasheet(PDF) 8 Page - Linear Technology

Part # LT1963AEFE-3.3TR
Description  1.5A, Low Noise,Fast Transient Response LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963AEFE-3.3TR Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1963AEFE-3.3TR Datasheet HTML 4Page - Linear Technology LT1963AEFE-3.3TR Datasheet HTML 5Page - Linear Technology LT1963AEFE-3.3TR Datasheet HTML 6Page - Linear Technology LT1963AEFE-3.3TR Datasheet HTML 7Page - Linear Technology LT1963AEFE-3.3TR Datasheet HTML 8Page - Linear Technology LT1963AEFE-3.3TR Datasheet HTML 9Page - Linear Technology LT1963AEFE-3.3TR Datasheet HTML 10Page - Linear Technology LT1963AEFE-3.3TR Datasheet HTML 11Page - Linear Technology LT1963AEFE-3.3TR Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LT1963A Series
8
1963afd
INPUT VOLTAGE (V)
0
25
20
15
10
5
0
4
1963A G13
1
2
3
10
9
8
7
6
5
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 1.8V
RL = 180, IL = 10mA*
RL = 18, IL = 100mA*
RL = 6, IL = 300mA*
INPUT VOLTAGE (V)
0
25
20
15
10
5
0
4
1963A G14
1
2
3
10
9
8
7
6
5
RL = 250, IL = 10mA*
RL = 25, IL = 100mA*
RL = 8.33, IL = 300mA*
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 2.5V
LT1963A-1.8 GND Pin Current
LT1963A-2.5 GND Pin Current
INPUT VOLTAGE (V)
0
25
20
15
10
5
0
4
1963A G15
1
2
3
10
9
8
7
6
5
RL = 330, IL = 100mA*
RL = 33, IL = 100mA*
RL = 11, IL = 300mA*
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 3.3V
LT1963A-3.3 GND Pin Current
INPUT VOLTAGE (V)
0
14
12
10
8
6
4
2
0
1963A G09
2
567
8
9
10
1
34
TJ = 25°C
RL = ∞
VSHDN = VIN
INPUT VOLTAGE (V)
0
14
12
10
8
6
4
2
0
1963A G10
2
10
56
78
9
1
34
TJ = 25°C
RL = ∞
VSHDN = VIN
LT1963A-1.8 Quiescent Current
LT1963A-2.5 Quiescent Current
LT1963A-1.5 Quiescent Current
INPUT VOLTAGE (V)
0
0
2
6
8
10
14
1
5
7
1963A G41
4
12
4
9
10
2
3
68
TJ = 25°C
RL = ∞
VSHDN = VIN
INPUT VOLTAGE (V)
0
14
12
10
8
6
4
2
0
1963A G11
2
10
56
78
9
1
34
TJ = 25°C
RL = ∞
VSHDN = VIN
LT1963A-3.3 Quiescent Current
INPUT VOLTAGE (V)
0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1963A G12
4
20
10 12 14 16 18
2
68
TJ = 25°C
RL = 4.3k
VSHDN = VIN
LT1963A Quiescent Current
LT1963A-1.5 GND Pin Current
INPUT VOLTAGE (V)
0
15
20
25
8
1963A G42
10
5
0
123
45
67
9
10
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 1.5V
RL = 5, IL = 300mA*
RL = 15, IL = 100mA*
RL = 150, IL = 10mA*
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LT1963AEFE-3.3TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963AEFE-3.3 LINER-LT1963AEFE-3.3 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
LT1963AEFE-3.3 LINER-LT1963AEFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
logo
Linear Integrated Syste...
LT1963AEFE-3.3 LINEAR-LT1963AEFE-3.3 Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963AEFE-3.3 LINEAR-LT1963AEFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results

Similar Description - LT1963AEFE-3.3TR

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8 LINER-LT1963AES8 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963AEQ LINEAR-LT1963AEQ Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963 LINER-LT1963 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963 LINER-LT1963_15 Datasheet
276Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Dimensions Semic...
LT1963AES8 LINEAR_DIMENSIONS-LT1963AES8 Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com