Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7106 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC7106
Description  3-1/2 DIGIT A/D CONVERTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7106 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC7106 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7106 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7106 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7106 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7106 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7106 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7106 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7106 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7106 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
3-184
TELCOM SEMICONDUCTOR, INC.
ELECTRICAL CHARACTERISTICS (Note 3)
TC7106/A & TC7107/A
Parameters
Test Conditions
Min
Typ
Max
Unit
Zero Input Reading
VIN = 0.0 V
– 000.0
±000.0
+000.0
Digital
Full-Scale = 200.0mV
Reading
Ratiometric Reading
VIN = VREF
999
999/1000
1000
Digital
VREF = 100 mV
Reading
Roll-Over Error (Difference in
V
IN = +V
+
IN ≅ 200mV
– 1
±0.2
+1
Counts
Reading for Equal Positive and
Negative Reading Near Full-Scale)
Linearity (Max. Deviation From
Full-Scale = 200mV
– 1
±0.2
+1
Counts
Best Straight Line Fit)
or Full-Scale = 2.000 V
Common-Mode
VCM = ±1V, VIN = 0V,
50
µV/V
Rejection Ratio (Note 4)
Full Scale = 200.0 mV
Noise (Pk – Pk Value Not
VIN = 0 V
15
µV
Exceeded 95% of Time)
Full-Scale = 200.0mV
Leakage Current @ Input
VIN = 0 V
1
10
pA
Zero Reading Drift
VIN = 0 V
“C” Device = 0
°C to +70°C
0.2
1
µV/°C
VIN = 0 V
“I” Device = – 25
°C to +85°C
1.0
2
µV/°C
Scale Factor
VIN = 199.0mV,
Temperature Coefficient
“C” Device = 0
°C to +70°C
1
5
ppm/
°C
(Ext. Ref = 0ppm
°C)
VIN = 199.0mV
20
ppm/
°C
“I” Device = – 25
°C to +85°C
Supply Current (Does Not
VIN = 0
0.8
1.8
mA
Include LED Current For TC7107/A)
ABSOLUTE MAXIMUM RATINGS*
TC7106A
Supply Voltage (V+ to V) ........................................... 15 V
Analog Input Voltage (either input) (Note 1) ......... V+ to V
Reference Input Voltage (either input) ................. V+ to V
Clock Input ........................................................ Test to V+
Package Power Dissipation (Note 2) (TA ≤ 70°C)
CerDIP .............................................................. 2.29W
Plastic DIP ........................................................ 1.23W
PLCC ................................................................1.23W
PQFP ................................................................1.00W
Operating Temperature
“C” Devices ............................................ 0
°C to +70°C
“I” Devices ........................................ – 25
°C to +85°C
Storage Temperature ............................ – 65
°C to +150°C
Lead Temperature (Soldering, 60 sec) ................... 300
°C
TC7107A
Supply Voltage
V+ ................................................................................................ +6 V
V– ............................................................................................... – 9 V
Analog Input Voltage (either input) (Note 1) ......... V+ to V
Reference Input Voltage (either input) ................. V+ to V
Clock Input ....................................................... GND to V+
Power Dissipation (Note 2) (TA ≤ 70°C)
40-Pin CerDIP Package ................................... 2.29W
40-Pin Plastic DIP ............................................. 1.23W
44-Pin PLCC ..................................................... 1.23W
44-Pin PQFP .................................................... 1.00W
Operating Temperature
“C” Devices ............................................ 0
°C to +70°C
“I” Devices ........................................ – 25
°C to +85°C
Storage Temperature ............................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
Exposure to Absolute Maximum Rating Conditions for extended periods
may affect device reliability.
TC7106
TC7106A
TC7107
TC7107A
3-1/2 DIGIT A/D CONVERTERS


Similar Part No. - TC7106

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7106 MICROCHIP-TC7106 Datasheet
411Kb / 34P
   3-1/2 Digit Analog-to-Digital Converters
01/02/08
TC7106A MICROCHIP-TC7106A Datasheet
623Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7106A MICROCHIP-TC7106A Datasheet
534Kb / 32P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7106A MICROCHIP-TC7106A Datasheet
411Kb / 34P
   3-1/2 Digit Analog-to-Digital Converters
01/02/08
More results

Similar Description - TC7106

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC14433 TELCOM-TC14433 Datasheet
149Kb / 10P
   3-1/2 DIGIT A/D CONVERTERS
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
National Semiconductor ...
ADC3511 NSC-ADC3511 Datasheet
286Kb / 9P
   3 1/2 DIGIT MICROPROCESSOR COMPATIBLE A/D
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Renesas Technology Corp
CA3162 RENESAS-CA3162 Datasheet
464Kb / 8P
   A/D Converters for 3-Digit Display
logo
Intersil Corporation
CA3162 INTERSIL-CA3162 Datasheet
109Kb / 7P
   A/D Converters for 3-Digit Display
August 1997
CA3162 INTERSIL-CA3162_02 Datasheet
579Kb / 7P
   A/D Converters for 3-Digit Display
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com