Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1993IUD-4 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1993IUD-4
Description  900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1993IUD-4 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1993IUD-4 Datasheet HTML 6Page - Linear Technology LT1993IUD-4 Datasheet HTML 7Page - Linear Technology LT1993IUD-4 Datasheet HTML 8Page - Linear Technology LT1993IUD-4 Datasheet HTML 9Page - Linear Technology LT1993IUD-4 Datasheet HTML 10Page - Linear Technology LT1993IUD-4 Datasheet HTML 11Page - Linear Technology LT1993IUD-4 Datasheet HTML 12Page - Linear Technology LT1993IUD-4 Datasheet HTML 13Page - Linear Technology LT1993IUD-4 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT1993-4
10
19934fa
+OUTFILTERED, –OUTFILTERED (Pins 6, 7): Filtered
Outputs. These pins add a series 25
Ω resistor from the
unfiltered outputs and three 12pF capacitors. Each output
has 12pF to VEE, plus an additional 12pF between each pin
(See the Block Diagram). This filter has a –3dB bandwidth
of 175MHz.
ENABLE (Pin 11): This pin is a TTL logic input referenced
to the VEEC pin. If low, the LT1993-4 is enabled and draws
typically 100mA of supply current. If high, the LT1993-4
is disabled and draws typically 250µA.
–INA, –INB (Pins 14, 13): Negative Inputs. These pins are
normally tied together. These inputs may be DC- or AC-
coupled. If the inputs are AC-coupled, they will self-bias
to the voltage applied to the VOCM pin.
+INA, +INB (Pins 16, 15): Positive Inputs. These pins are
normally tied together. These inputs may be DC- or AC-
coupled. If the inputs are AC-coupled, they will self-bias
to the voltage applied to the VOCM pin.
Exposed Pad (Pin 17): Tie the pad to VEEC (Pin 12). If split
supplies are used, DO NOT tie the pad to ground.
PI FU CTIO S
+
14
–INA
5
+OUT
19934 BD
3
VCCA
10
VCCB
1
VCCC
11
ENABLE
13
–INB
12pF
VCCA
A
VEEA
VEEA
100
100
200
200
25
200
6
+OUTFILTERED
+
16
+INA
8
–OUT
15
+INB
VCCB
B
VEEB
VEEB
100
100
25
200
12pF
12pF
7
–OUTFILTERED
12
VEEC
9
VEEB
4
VEEA
+
VEEC
C
VCCC
2
VOCM
BIAS
BLOCK DIAGRA


Similar Part No. - LT1993IUD-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1993IUD-10 LINER-LT1993IUD-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LT1993IUD-2 LINER-LT1993IUD-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
More results

Similar Description - LT1993IUD-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT1993-4 LINER-LT1993-4_15 Datasheet
726Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LT6402-20 LINER-LT6402-20 Datasheet
326Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 20dB)
LTC6605-10 LINER-LTC6605-10 Datasheet
263Kb / 20P
   Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-14 LINER-LTC6605-14 Datasheet
258Kb / 20P
   Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com