Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1993IUD-4 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1993IUD-4
Description  900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1993IUD-4 Datasheet(HTML) 1 Page - Linear Technology

  LT1993IUD-4 Datasheet HTML 1Page - Linear Technology LT1993IUD-4 Datasheet HTML 2Page - Linear Technology LT1993IUD-4 Datasheet HTML 3Page - Linear Technology LT1993IUD-4 Datasheet HTML 4Page - Linear Technology LT1993IUD-4 Datasheet HTML 5Page - Linear Technology LT1993IUD-4 Datasheet HTML 6Page - Linear Technology LT1993IUD-4 Datasheet HTML 7Page - Linear Technology LT1993IUD-4 Datasheet HTML 8Page - Linear Technology LT1993IUD-4 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1993-4
1
19934fa
900MHz Low Distortion, Low
Noise Differential Amplifier/
ADC Driver (AV = 4V/V)
The LT®1993-4 is a low distortion, low noise Differential
Amplifier/ADC driver for use in applications from DC to
900MHz. The LT1993-4 has been designed for ease of
use, with minimal support circuitry required. Exception-
ally low input-referred noise and low distortion products
(with either single-ended or differential inputs) make the
LT1993-4 an excellent solution for driving high speed 12-
bit and 14-bit ADCs. In addition to the normal unfiltered
outputs (+OUT and –OUT), the LT1993-4 has a built-in
175MHz differential lowpass filter and an additional pair
of filtered outputs (+OUTFILTERED, –OUTFILTERED) to
reduce external filtering components when driving high
speed ADCs. The output common mode voltage is easily set
via the VOCM pin, eliminating either an output transformer
or AC-coupling capacitors in many applications.
The LT1993-4 is designed to meet the demanding require-
ments of communications transceiver applications. It can
be used as a differential ADC driver, a general-purpose
differential gain block, or in any other application requir-
ing differential drive. The LT1993-4 can be used in data
acquisition systems required to function at frequencies
down to DC.
The LT1993-4 operates on a 5V supply and consumes
100mA. It comes in a compact 16-lead 3
× 3 QFN package
and operates over a –40°C to 85°C temperature range.
Differential ADC Driver for:
Imaging
Communications
Differential Driver/Receiver
Single Ended to Differential Conversion
Differential to Single Ended Conversion
Level Shifting
IF Sampling Receivers
SAW Filter Interfacing/Buffering
900MHz –3dB Bandwidth
Fixed Gain of 4V/V (12dB)
Low Distortion:
40dBm OIP3, –73dBc HD3 (70MHz 2VP-P)
51dBm OIP3, –94dBc HD3 (10MHz 2VP-P)
Low Noise: 14.5dB NF, en = 2.35nV/√Hz (70MHz)
Differential Inputs and Outputs
Additional Filtered Outputs
Adjustable Output Common Mode Voltage
DC- or AC-Coupled Operation
Minimal Support Circuitry Required
Small 0.75mm Tall 16-Lead 3
× 3 QFN Package
ADC Driver with Single-Ended to Differential Conversion
2.2V
12dB GAIN
19934 TA01
MA/COM
ETC1-1-13
1:1
Z-RATIO
LTC2255 125Msps
14-BIT ADC SAMPLING
AT 92.16Msps
70MHz
IF IN
52.3pF
82nH
LT1993-4
–INA
–INB
–OUTFILTERED
–OUT
+OUTFILTERED
+OUT
+INB
+INA
VOCM
ENABLE
LTC2255
ADC
AIN–
AIN+
0.1
µF
12.2
12.2
100
0.1
µF
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
5
10
15
20
LT19934 TA02
30
45
40
25
35
–20
–110
–90
–70
–50
–30
–10
32768 POINT FFT
TONE CENTER FREQUENCIES
AT 62.5MHz, 67.5MHz,
72.5MHz, 77.5MHz
4-Tone WCDMA Waveform,
LT1993-4 Driving LTC2255
14-Bit ADC at 92.16Msps


Similar Part No. - LT1993IUD-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1993IUD-10 LINER-LT1993IUD-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LT1993IUD-2 LINER-LT1993IUD-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
More results

Similar Description - LT1993IUD-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT1993-4 LINER-LT1993-4_15 Datasheet
726Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LT6402-20 LINER-LT6402-20 Datasheet
326Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 20dB)
LTC6605-10 LINER-LTC6605-10 Datasheet
263Kb / 20P
   Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-14 LINER-LTC6605-14 Datasheet
258Kb / 20P
   Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com