Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1993-4 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1993-4
Description  900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1993-4 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1993-4 Datasheet HTML 7Page - Linear Technology LT1993-4 Datasheet HTML 8Page - Linear Technology LT1993-4 Datasheet HTML 9Page - Linear Technology LT1993-4 Datasheet HTML 10Page - Linear Technology LT1993-4 Datasheet HTML 11Page - Linear Technology LT1993-4 Datasheet HTML 12Page - Linear Technology LT1993-4 Datasheet HTML 13Page - Linear Technology LT1993-4 Datasheet HTML 14Page - Linear Technology LT1993-4 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT1993-4
11
19934fa
APPLICATIO S I FOR ATIO
Circuit Description
The LT1993-4 is a low noise, low distortion differential
amplifier/ADC driver with:
• DC to 900MHz –3dB bandwidth
• Fixed gain of 4V/V (12dB) independent of RLOAD
• 100
Ω differential input impedance
• Low output impedance
• Built-in, user adjustable output filtering
• Requires minimal support circuitry
Referring to the block diagram, the LT1993-4 uses a closed-
loop topology which incorporates 3 internal amplifiers.
Two of the amplifiers (A and B) are identical and drive the
differential outputs. The third amplifier (C) is used to set
the output common mode voltage. Gain and input imped-
ance are set by the 100
Ω/200Ω resistors in the internal
feedback network. Output impedance is low, determined
by the inherent output impedance of amplifiers A and B,
and further reduced by internal feedback.
The LT1993-4 also includes built-in single-pole output
filtering. The user has the choice of using the unfiltered
outputs, the filtered outputs (175MHz –3dB lowpass), or
modifying the filtered outputs to alter frequency response
by adding additional components. Many lowpass and
bandpass filters are easily implemented with just one or
two additional components.
The LT1993-4 has been designed to minimize the need
for external support components such as transformers or
AC-coupling capacitors. As an ADC driver, the LT1993-4
requires no external components except for power-supply
bypass capacitors. This allows DC-coupled operation for
applications that have frequency ranges including DC.
At the outputs, the common mode voltage is set via the
VOCM pin, allowing the LT1993-4 to drive ADCs directly. No
output AC-coupling capacitors or transformers are needed.
At the inputs, signals can be differential or single-ended
with virtually no difference in performance. Furthermore,
DC levels at the inputs can be set independently of the
output common mode voltage. These input characteristics
often eliminate the need for an input transformer and/or
AC-coupling capacitors.
Input Impedance and Matching Networks
Because of the internal feedback network, calculation of
the LT1993-4’s input impedance is not straightforward
from examination of the block diagram. Furthermore, the
input impedance when driven differentially is different than
when driven single-ended. When driven differentially, the
LT1993-4’s input impedance is 100
Ω (differential); when
driven single-ended, the input impedance is 75
Ω.
For single-ended 50
Ω applications, a 150Ω shunt match-
ing resistor to ground will result in the proper input
termination (Figure 1). For differential inputs there are
several termination options. If the input source is 50
Ω
differential, then input matching can be accomplished by
either a 100
Ω shunt resistor across the inputs (Figure 3),
or a 49.9
Ω shunt resistor on each of the inputs to ground
(Figure 2).
19934 F01
IF IN
LT1993-4
–INA
–INB
–OUT
+OUT
8
5
+INB
+INA
14
13
15
16
Figure 1. Input Termination for Single-Ended 50
Ω
Input Impedance
Figure 2. Input Termination for Differential 50
Ω Input Impedance
19934 F02
IF IN
IF IN+
LT1993-4
–INA
–INB
–OUT
+OUT
8
5
+INB
+INA
14
13
15
16
Figure 3. Alternate Input Termination for Differential
50
Ω Input Impedance
19934 F03
IF IN
IF IN+
LT1993-4
–INA
–INB
–OUT
+OUT
8
5
+INB
+INA
14
13
15
16


Similar Part No. - LT1993-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1993-4 LINER-LT1993-4 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1993-4 LINER-LT1993-4 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LT1993-4 LINER-LT1993-4 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT1993-4 LINER-LT1993-4 Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LT1993-4 LINER-LT1993-4 Datasheet
726Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
More results

Similar Description - LT1993-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT1993-4 LINER-LT1993-4_15 Datasheet
726Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LT6402-20 LINER-LT6402-20 Datasheet
326Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 20dB)
LTC6605-10 LINER-LTC6605-10 Datasheet
263Kb / 20P
   Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-14 LINER-LTC6605-14 Datasheet
258Kb / 20P
   Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com