Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1991AIMS-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT1991AIMS-PBF
Description  Precision, 100關A Gain Selectable Amplifi er
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1991AIMS-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1991AIMS-PBF Datasheet HTML 2Page - Linear Technology LT1991AIMS-PBF Datasheet HTML 3Page - Linear Technology LT1991AIMS-PBF Datasheet HTML 4Page - Linear Technology LT1991AIMS-PBF Datasheet HTML 5Page - Linear Technology LT1991AIMS-PBF Datasheet HTML 6Page - Linear Technology LT1991AIMS-PBF Datasheet HTML 7Page - Linear Technology LT1991AIMS-PBF Datasheet HTML 8Page - Linear Technology LT1991AIMS-PBF Datasheet HTML 9Page - Linear Technology LT1991AIMS-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT1991
6
1991fg
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PSRR
Power Supply Rejection Ratio
VS = ±1.35V to ±18V (Note 8)
l
105
135
dB
Minimum Supply Voltage
l
2.4
2.7
V
VOUT
Output Voltage Swing (to Either Rail)
No Load
VS = 5V, 0V
VS = 5V, 0V
VS = ±15V
l
l
40
55
75
120
mV
mV
mV
1mA Load
VS = 5V, 0V
VS = 5V, 0V
VS = ±15V
l
l
150
225
300
340
mV
mV
mV
ISC
Output Short-Circuit Current (Sourcing)
Drive Output Positive;
Short Output to Ground
l
8
4
12
mA
mA
Output Short-Circuit Current (Sinking)
Drive Output Negative;
Short Output to VS or Midsupply
l
8
4
21
mA
mA
BW
–3dB Bandwidth
G = 1
G = 3
G = 9
110
78
40
kHz
kHz
kHz
GBWP
Op Amp Gain Bandwidth Product
f = 10kHz
560
kHz
tr, tf
Rise Time, Fall Time
G = 1; 0.1V Step; 10% to 90%
G = 9; 0.1V Step; 10% to 90%
3
8
μs
μs
ts
Settling Time to 0.01%
G = 1; VS = 5V, 0V; 2V Step
G = 1; VS = 5V, 0V; –2V Step
G = 1; VS = ±15V, 10V Step
G = 1; VS = ±15V, –10V Step
42
48
114
74
μs
μs
μs
μs
SR
Slew Rate
VS = 5V, 0V; VOUT = 1V to 4V
VS = ±15V; VOUT = ±10V; VMEAS = ±5V
l
l
0.06
0.08
0.12
0.12
V/μs
V/μs
Is
Supply Current
VS = 5V, 0V
l
100
110
180
μA
μA
VS = ±15V
l
130
160
250
μA
μA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the operating
temperature range of –40°C to 125°C for H-grade parts, otherwise specifications are at TA = 25°C. Difference amplifier configuration,
VS = 5V, 0V or ±15V; VCM = VREF = half supply, unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The P3/M3 and P9/M9 inputs should not be taken more than 0.2V
beyond the supply rails. The P1/M1 inputs can withstand ±60V if P9/M9
are grounded and VS = ±15V (see Applications Information section about
“High Voltage CM Difference Amplifiers”).
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum ratings.
Note 4: Both the LT1991C and LT1991I are guaranteed functional over the
–40°C to 85°C temperature range. The LTC1991H is guaranteed functional
over the –40°C to 125°C temperature range.
Note 5: The LT1991C is guaranteed to meet the specified performance
from 0°C to 70°C and is designed, characterized and expected to meet
specified performance from –40°C to 85°C but is not tested or QA sampled
at these temperatures. The LT1991I is guaranteed to meet specified
performance from –40°C to 85°C. The LT1991H is guaranteed to meet
specified performance from –40°C to 125°C.
Note 6: This parameter is not 100% tested.
Note 7: Input voltage range is guaranteed by the CMRR test at VS = ±15V.
For the other voltages, this parameter is guaranteed by design and through
correlation with the ±15V test. See the Applications Information section to
determine the valid input voltage range under various operating conditions.
Note 8: Offset voltage, offset voltage drift and PSRR are defined as
referred to the internal op amp. You can calculate output offset as follows.
In the case of balanced source resistance, VOS,OUT = VOS • NOISEGAIN
+ IOS • 450k + IB • 450k • (1– RP/RN) where RP and RN are the total
resistance at the op amp positive and negative terminal respectively.
Note 9: Applies to resistors that are connected to the inverting inputs.
Resistor matching is not tested directly, but is guaranteed by the gain
error test.
Note 10: Input impedance is tested by a combination of direct
measurements and correlation to the CMRR and gain error tests.
Note 11: IB and IOS are tested at VS = 5V, 0V only.


Similar Part No. - LT1991AIMS-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1991AIMS LINEAR-LT1991AIMS Datasheet
296Kb / 24P
   Precision, 100UA Gain Selectable Amplifier
More results

Similar Description - LT1991AIMS-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6411 LINER-LT6411_15 Datasheet
367Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
LT6411 LINER-LT6411 Datasheet
361Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
logo
API Technologies Corp
BXMF1043 APITECH-BXMF1043 Datasheet
324Kb / 2P
   Automatic Gain Controlled Amplifi er
logo
Microchip Technology
MCP6G01 MICROCHIP-MCP6G01 Datasheet
1Mb / 36P
   110 關A Selectable Gain Amplifier
2006
MCP6G01 MICROCHIP-MCP6G01_06 Datasheet
1Mb / 38P
   110 關A Selectable Gain Amplifier
2006
logo
MRV Communications, Inc...
EM800-OABT MRV-EM800-OABT Datasheet
1Mb / 2P
   LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
logo
Linear Technology
LTC6102 LINER-LTC6102 Datasheet
250Kb / 20P
   Precision Zero Drift Current Sense Amplifi er
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com