Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1991CDD-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT1991CDD-PBF
Description  Precision, 100關A Gain Selectable Amplifi er
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1991CDD-PBF Datasheet(HTML) 1 Page - Linear Technology

  LT1991CDD-PBF Datasheet HTML 1Page - Linear Technology LT1991CDD-PBF Datasheet HTML 2Page - Linear Technology LT1991CDD-PBF Datasheet HTML 3Page - Linear Technology LT1991CDD-PBF Datasheet HTML 4Page - Linear Technology LT1991CDD-PBF Datasheet HTML 5Page - Linear Technology LT1991CDD-PBF Datasheet HTML 6Page - Linear Technology LT1991CDD-PBF Datasheet HTML 7Page - Linear Technology LT1991CDD-PBF Datasheet HTML 8Page - Linear Technology LT1991CDD-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT1991
1
1991fg
+
5V
ΔVIN
VM(IN)
VP(IN)
+
VOUT = VREF +ΔVIN
SWING 40mV TO
EITHER RAIL
ROUT <0.1Ω
VREF = 2.5V
INPUT RANGE
–0.5V TO 5.1V
RIN = 900kΩ
LT1991
1991 TA01
50k
50k
150k
150k
450k
450k
4pF
450k
450k
4pF
FEATURES
APPLICATIONS
DESCRIPTION
Precision, 100µA
Gain Selectable Amplifier
The LT®1991 combines a precision operational amplifier
with eight precision resistors to form a one-chip solution
for accurately amplifying voltages. Gains from –13 to 14
with a gain accuracy of 0.04% can be achieved using no
external components. The device is particularly well suited
for use as a difference amplifier, where the excellent resis-
tor matching results in a common mode rejection ratio of
greater than 75dB.
The amplifier features a 50μV maximum input offset volt-
age and a gain bandwidth product of 560kHz. The device
operates from any supply voltage from 2.7V to 36V and
draws only 100μA supply current on a 5V supply. The
output swings to within 40mV of either supply rail.
The resistors have excellent matching, 0.04% over tem-
perature for the 450k resistors. The matching temperature
coefficent is guaranteed less than 3ppm/°C. The resistors
are extremely linear with voltage, resulting in a gain non-
linearity of less than 10ppm.
The LT1991 is fully specified at 5V and ±15V supplies and
from –40°C to 125°C. The device is available in space
saving 10-lead MSOP and low profile (0.8mm) 3mm ×
3mm DFN packages.
Rail-to-Rail Gain = 1 Difference Amplifier
n Pin Configurable as a Difference Amplifier,
Inverting and Noninverting Amplifier
n Difference Amplifier
Gain Range 1 to 13
CMRR >75dB
n Noninverting Amplifier
Gain Range 0.07 to 14
n Inverting Amplifier
Gain Range –0.08 to –13
n Gain Error <0.04%
n Gain Drift < 3ppm/°C
n Wide Supply Range: Single 2.7V to Split ±18V
n Micropower: 100μA Supply Current
n Precision: 50μV Maximum Input Offset Voltage
n 560kHz Gain Bandwidth Product
n Rail-to-Rail Output
n Space Saving 10-Lead MSOP and DFN Packages
n Handheld Instrumentation
n Medical Instrumentation
n Strain Gauge Amplifiers
n Differential to Single-Ended Conversion
RESISTOR MATCHING (%)
0.04
1991 TA01b
–0.02
0
0.02
40
35
30
25
20
15
10
5
0
–0.04
450k RESISTORS
LT1991A
Distribution of Resistor Matching
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
TYPICAL APPLICATION


Similar Part No. - LT1991CDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1991CDD LINEAR-LT1991CDD Datasheet
296Kb / 24P
   Precision, 100UA Gain Selectable Amplifier
More results

Similar Description - LT1991CDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6411 LINER-LT6411_15 Datasheet
367Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
LT6411 LINER-LT6411 Datasheet
361Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
logo
API Technologies Corp
BXMF1043 APITECH-BXMF1043 Datasheet
324Kb / 2P
   Automatic Gain Controlled Amplifi er
logo
Microchip Technology
MCP6G01 MICROCHIP-MCP6G01 Datasheet
1Mb / 36P
   110 關A Selectable Gain Amplifier
2006
MCP6G01 MICROCHIP-MCP6G01_06 Datasheet
1Mb / 38P
   110 關A Selectable Gain Amplifier
2006
logo
MRV Communications, Inc...
EM800-OABT MRV-EM800-OABT Datasheet
1Mb / 2P
   LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
logo
Linear Technology
LTC6102 LINER-LTC6102 Datasheet
250Kb / 20P
   Precision Zero Drift Current Sense Amplifi er
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com