Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4469EJD Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC4469EJD
Description  LOGIC-INPUT CMOS QUAD DRIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4469EJD Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC4469EJD Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4469EJD Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4469EJD Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4469EJD Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4469EJD Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4469EJD Datasheet HTML 6Page - TelCom Semiconductor, Inc TC4469EJD Datasheet HTML 7Page - TelCom Semiconductor, Inc TC4469EJD Datasheet HTML 8Page - TelCom Semiconductor, Inc TC4469EJD Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
4-265
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
LOGIC-INPUT CMOS
QUAD DRIVERS
TC4467
TC4468
TC4469
Maximum operating temperature:
TJ – θJA (PD) = 141°C,
where: TJ = Maximum allowable junction temperature
(+150
°C)
θJA = Junction-to-ambient thermal resistance
(83.3
°C/W) 14-pin plastic package.
NOTE:
Ambient operating temperature should not exceed +85
°C for
"EJD" device or +125
°C for "MJD" device.
Figure 1. Switching Time Test Circuit
VOUT
1B
1A
2B
2A
3B
3A
4B
4A
1 µF FILM
0.1 µF CERAMIC
VDD
470 pF
90%
10%
10%
10%
tD1
tR
tD2
tF
90%
+5V
INPUT
(A, B)
VDD
OUTPUT
0V
0V
90%
1
2
3
4
5
6
8
9
7
10
11
12
13
14
Input: 100 kHz, square wave,
tRISE = tFALL
10nsec
Transition power dissipation arises in the
complementary configuration (TC446X) because the
output stage N-channel and P-channel MOS transistors
are ON simultaneously for a very short period when the
output changes. The transition power dissipation is
approximately:
PT = f VS (10
10
–9).
Package power dissipation is the sum of load, quies-
cent and transition power dissipations. An example shows
the relative magnitude for each term:
C = 1000 pF capacitive load
VS = 15V
D = 50%
f
= 200 kHz
PD = Package Power Dissipation = PL + PQ + PT
= 45 mW + 35 mW + 30 mW = 110 mW.


Similar Part No. - TC4469EJD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4469EJD MICROCHIP-TC4469EJD Datasheet
491Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
More results

Similar Description - TC4469EJD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4468EOE MICROCHIP-TC4468EOE Datasheet
491Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
TC4467 MICROCHIP-TC4467 Datasheet
475Kb / 22P
   Logic-Input CMOS Quad Drivers
2002
TC4467 MICROCHIP-TC4467_13 Datasheet
393Kb / 22P
   Logic-Input CMOS Quad Drivers
11/27/12
TC4467EOE MICROCHIP-TC4467EOE Datasheet
491Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
TC4469COE713 MICROCHIP-TC4469COE713 Datasheet
391Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
logo
Texas Instruments
CD54HC157 TI1-CD54HC157_15 Datasheet
457Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD74HC157 TI-CD74HC157 Datasheet
39Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157_08 Datasheet
462Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157 Datasheet
275Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
logo
Harris Corporation
74HC158 HARRIS-74HC158 Datasheet
24Kb / 6P
   High Speed CMOS Logic Quad 2-Input Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com