Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1965IDD-1.5-TRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LT1965IDD-1.5-TRPBF
Description  1.1A, Low Noise, Low Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1965IDD-1.5-TRPBF Datasheet(HTML) 2 Page - Linear Technology

  LT1965IDD-1.5-TRPBF Datasheet HTML 1Page - Linear Technology LT1965IDD-1.5-TRPBF Datasheet HTML 2Page - Linear Technology LT1965IDD-1.5-TRPBF Datasheet HTML 3Page - Linear Technology LT1965IDD-1.5-TRPBF Datasheet HTML 4Page - Linear Technology LT1965IDD-1.5-TRPBF Datasheet HTML 5Page - Linear Technology LT1965IDD-1.5-TRPBF Datasheet HTML 6Page - Linear Technology LT1965IDD-1.5-TRPBF Datasheet HTML 7Page - Linear Technology LT1965IDD-1.5-TRPBF Datasheet HTML 8Page - Linear Technology LT1965IDD-1.5-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1965 Series
2
1965fa
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage .........................................................±22V
OUT Pin Voltage......................................................±22V
Input to Output Differential Voltage (Note 2) ......... ±22V
SENSE Pin Voltage..................................................±22V
ADJ Pin Voltage ........................................................±9V
SHDN Pin Voltage ...................................................±22V
(Note 1)
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
9
4
3
2
1
OUT
OUT
SENSE/ADJ*
GND
IN
IN
SHDN
GND
TJMAX = 125°C, θJA = 65°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
*PIN 3 = SENSE FOR LT1965-1.5/LT1965-1.8/LT1965-2.5/LT1965-3.3
*PIN 3 = ADJ FOR LT1965
1
2
3
4
OUT
OUT
SENSE/ADJ*
GND
8
7
6
5
9
IN
IN
SHDN
GND
TOP VIEW
MS8E PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 60°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
*PIN 3 = SENSE FOR LT1965-1.5/LT1965-1.8/LT1965-2.5/LT1965-3.3
*PIN 3 = ADJ FOR LT1965
Q PACKAGE
5-LEAD PLASTIC DD-PAK
FRONT VIEW
SENSE/ADJ*
OUT
GND
IN
SHDN
TAB IS
GND
5
4
3
2
1
TJMAX = 125°C, θJA = 30°C/W, θJC = 3°C/W
*PIN 5 = SENSE FOR LT1965-1.5/LT1965-1.8/LT1965-2.5/LT1965-3.3
*PIN 5 = ADJ FOR LT1965
T PACKAGE
5-LEAD PLASTIC TO-220
SENSE/ADJ*
OUT
GND
IN
SHDN
FRONT VIEW
5
4
3
2
1
TAB IS
GND
TJMAX = 125°C, θJA = 50°C/W, θJC = 3°C/W
*PIN 5 = SENSE FOR LT1965-1.5/LT1965-1.8/LT1965-2.5/LT1965-3.3
*PIN 5 = ADJ FOR LT1965
Output Short-Circuit Duration .......................... Indefinite
Operating Junction Temperature Range (E, I Grade)
(Notes 2, 13)......................................–40°C to 125°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)
(Only for MSOP, TO-220, DD-PAK Packages).... 300°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1965EDD#PBF
LT1965EDD#TRPBF
LCXW
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT1965IDD#PBF
LT1965IDD#TRPBF
LCXW
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT1965EDD-1.5#PBF
LT1965EDD-1.5#TRPBF
LDKW
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT1965IDD-1.5#PBF
LT1965IDD-1.5#TRPBF
LDKW
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT1965EDD-1.8#PBF
LT1965EDD-1.8#TRPBF
LDKY
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT1965IDD-1.8#PBF
LT1965IDD-1.8#TRPBF
LDKY
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT1965EDD-2.5#PBF
LT1965EDD-2.5#TRPBF
LDMB
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT1965IDD-2.5#PBF
LT1965IDD-2.5#TRPBF
LDMB
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT1965EDD-3.3#PBF
LT1965EDD-3.3#TRPBF
LDMD
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT1965IDD-3.3#PBF
LT1965IDD-3.3#TRPBF
LDMD
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
PIN CONFIGURATION
ORDER INFORMATION


Similar Part No. - LT1965IDD-1.5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1965IDD-1.5-PBF LINER-LT1965IDD-1.5-PBF Datasheet
245Kb / 20P
   1.1A, Low Noise, Low Dropout Linear Regulator
More results

Similar Description - LT1965IDD-1.5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1965 LINER-LT1965_15 Datasheet
981Kb / 22P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1965EMS8E LINER-LT1965EMS8E Datasheet
245Kb / 20P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Integrated Syste...
LT1965EMS8E LINEAR-LT1965EMS8E Datasheet
908Kb / 22P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Technology
LT1965 LINER-LT1965 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
   300mA Low-Noise Low-Dropout Linear Regulator
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com