Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1965EDD-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT1965EDD-TRPBF
Description  1.1A, Low Noise, Low Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1965EDD-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LT1965EDD-TRPBF Datasheet HTML 1Page - Linear Technology LT1965EDD-TRPBF Datasheet HTML 2Page - Linear Technology LT1965EDD-TRPBF Datasheet HTML 3Page - Linear Technology LT1965EDD-TRPBF Datasheet HTML 4Page - Linear Technology LT1965EDD-TRPBF Datasheet HTML 5Page - Linear Technology LT1965EDD-TRPBF Datasheet HTML 6Page - Linear Technology LT1965EDD-TRPBF Datasheet HTML 7Page - Linear Technology LT1965EDD-TRPBF Datasheet HTML 8Page - Linear Technology LT1965EDD-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT1965 Series
5
1965fa
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Absolute maximum input to output differential voltage is not
achievable with all combinations of rated IN pin and OUT pin voltages.
With the IN pin at 22V, the OUT pin may not be pulled below 0V. The total
measured voltage from IN to OUT must not exceed ±22V.
Note 3: The LT1965 regulators are tested and specified under pulse load
conditions such that TJ ≅ TA. The LT1965E regulators are 100% tested
at TA = 25°C. Performance at –40°C and 125°C is assured by design,
characterization, and correlation with statistical process controls. The
LT1965I regulators are guaranteed over the full –40°C to 125°C operating
junction temperature range.
Note 4: The LT1965 adjustable version is tested and specified for these
conditions with the ADJ connected to the OUT pin.
Note 5: Maximum junction temperature limits operating conditions. The
regulated output voltage specification does not apply for all possible
combinations of input voltage and output current. Limit the output current
range if operating at the maximum input voltage. Limit the input-to-output
voltage differential if operating at the maximum output current.
Note 6: To satisfy minimum input voltage requirements, the LT1965
adjustable version is tested and specified for these conditions with an
external resistor divider (bottom 4.02k, top 4.32k) for an output voltage of
2.5V. The external resistor divider adds 300μA of output DC load current.
This external current is not factored into GND pin current.
Note 7: Dropout voltage is the minimum input-to-output voltage
differential needed to maintain regulation at a specified output current. In
dropout, the output voltage equals: (VIN – VDROPOUT)
Note 8: GND pin current is tested with VIN = VOUT(NOMINAL) + 1V and a
current source load. GND pin current increases slightly in dropout. For
the fixed output versions, an internal resistor divider will typically add
100μA to the GND pin current. See GND pin current curves in the Typical
Performance Characteristics section.
Note 9: ADJ pin bias current flows into the ADJ pin.
Note 10:
SHDN pin current flows into the SHDN pin.
Note 11: Reverse output current is tested with the IN pin grounded and the
OUT pin forced to the rated output voltage. This current flows into the OUT
pin and out of the GND pin.
Note 12: For the LT1965, LT1965-1.5 and LT1965-1.8, the minimum
input voltage specification limits the dropout voltage under some output
voltage/load conditions.
Note 13: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Current Limit
VIN = 7V, VOUT = 0
VIN = VOUT(NOMINAL) + 1V, ΔVOUT = -0.1V (Note 6)
l
1.2
2.4
A
A
Input Reverse Leakage Current
VIN = –20V, VOUT = 0
1
mA
Reverse Output Current (Note 11)
LT1965-1.5, VOUT = 1.5V, VIN = 0
LT1965-1.8, VOUT = 1.8V, VIN = 0
LT1965-2.5, VOUT = 2.5V, VIN = 0
LT1965-3.3, VOUT = 3.3V, VIN = 0
LT1965 (Note 4), VOUT = 1.2V, VIN = 0
275
275
275
275
175
525
525
525
525
400
μA
μA
μA
μA
μA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)


Similar Part No. - LT1965EDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1965EDD-1.5 LINEAR-LT1965EDD-1.5 Datasheet
908Kb / 22P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Technology
LT1965EDD-1.5-PBF LINER-LT1965EDD-1.5-PBF Datasheet
245Kb / 20P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Integrated Syste...
LT1965EDD-1.8 LINEAR-LT1965EDD-1.8 Datasheet
908Kb / 22P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Technology
LT1965EDD-1.8-PBF LINER-LT1965EDD-1.8-PBF Datasheet
245Kb / 20P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Integrated Syste...
LT1965EDD-2.5 LINEAR-LT1965EDD-2.5 Datasheet
908Kb / 22P
   1.1A, Low Noise, Low Dropout Linear Regulator
More results

Similar Description - LT1965EDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1965 LINER-LT1965_15 Datasheet
981Kb / 22P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1965EMS8E LINER-LT1965EMS8E Datasheet
245Kb / 20P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Integrated Syste...
LT1965EMS8E LINEAR-LT1965EMS8E Datasheet
908Kb / 22P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Technology
LT1965 LINER-LT1965 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
   300mA Low-Noise Low-Dropout Linear Regulator
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com