Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1964ES5-5 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1964ES5-5
Description  200mA, Low Noise,Low Dropout Negative Micropower Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1964ES5-5 Datasheet(HTML) 1 Page - Linear Technology

  LT1964ES5-5 Datasheet HTML 1Page - Linear Technology LT1964ES5-5 Datasheet HTML 2Page - Linear Technology LT1964ES5-5 Datasheet HTML 3Page - Linear Technology LT1964ES5-5 Datasheet HTML 4Page - Linear Technology LT1964ES5-5 Datasheet HTML 5Page - Linear Technology LT1964ES5-5 Datasheet HTML 6Page - Linear Technology LT1964ES5-5 Datasheet HTML 7Page - Linear Technology LT1964ES5-5 Datasheet HTML 8Page - Linear Technology LT1964ES5-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1964
1
1964fb
TYPICAL APPLICATION
DESCRIPTION
200mA, Low Noise,
Low Dropout Negative
Micropower Regulator
The LT®1964 is a micropower low noise, low dropout nega-
tive regulator. The device is capable of supplying 200mA
of output current with a dropout voltage of 340mV. Low
quiescent current (30μA operating and 3μA shutdown)
makes the LT1964 an excellent choice for battery-pow-
ered applications. Quiescent current is well controlled in
dropout.
Other features of the LT1964 include low output noise.
With the addition of an external 0.01μF bypass capacitor,
output noise is reduced to 30μVRMS over a 10Hz to 100kHz
bandwidth. The LT1964 is capable of operating with small
capacitors and is stable with output capacitors as low
as 1μF. Small ceramic capacitors can be used without
the necessary addition of ESR as is common with other
regulators. Internal protection circuitry includes reverse
output protection, current limiting, and thermal limiting.
The device is available with a fixed output voltage of –5V
and as an adjustable device with a –1.22V reference volt-
age. The LT1964 regulators are available in a low profile
(1mm) ThinSOT and the low profile (0.75mm) 8-pin
(3mm
× 3mm) DFN packages.
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. ThinSOT is
a trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
FEATURES
APPLICATIONS
n Low Noise: 30μVRMS (10Hz to 100kHz)
n Low Quiescent Current: 30μA
n Low Dropout Voltage: 340mV
n Output Current: 200mA
n Fixed Output Voltage: –5V
n Adjustable Output from –1.22V to – 20V
n Positive or Negative Shutdown Logic
n 3μA Quiescent Current in Shutdown
n Stable with 1μF Output Capacitor
n Stable with Aluminum, Tantalum, or Ceramic
Capacitors
n Thermal Limiting
n Low Profile (1mm) ThinSOT™ and (0.75mm) 8-Pin
3mm
× 3mm DFN Packages
n Battery-Powered Instruments
n Low Noise Regulator for Noise-Sensitive
Instrumentation
n Negative Complement to LT1761 Family of
Positive LDOs
–5V Low Noise Regulator
10Hz to 100kHz Output Noise
1964 TA01a
GND
SHDN
BYP
IN
OUT
LT1964-5
1μF
10μF
0.01μF
VIN
–5.4V
TO –20V
–5V AT 200mA
30μVRMS NOISE
VOUT
100μV/DIV
1ms/DIV
1964 TA01b
30μVRMS


Similar Part No. - LT1964ES5-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1964 LINER-LT1964 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT1964 LINER-LT1964 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
More results

Similar Description - LT1964ES5-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_10 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Linear Technology
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Linear Technology
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
logo
Texas Instruments
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com