Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1964IS5-5PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT1964IS5-5PBF
Description  200mA, Low Noise,Low Dropout Negative Micropower Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1964IS5-5PBF Datasheet(HTML) 3 Page - Linear Technology

  LT1964IS5-5PBF Datasheet HTML 1Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 2Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 3Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 4Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 5Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 6Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 7Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 8Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT1964
3
1964fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Regulated Output Voltage
(Notes 3, 9)
LT1964-5
VIN = –5.5V, ILOAD = –1mA
–20V < VIN < –6V, –200mA < ILOAD < –1mA
l
–4.925
–4.850
–5
–5
–5.075
–5.150
V
V
ADJ Pin Voltage
(Notes 2, 3, 9)
LT1964
VIN = –2V, ILOAD = –1mA
–20V < VIN < –2.8V, –200mA < ILOAD < –1mA
l
–1.202
–1.184
–1.22
–1.22
–1.238
–1.256
V
V
Line Regulation
LT1964-5
ΔVIN = –5.5V to –20V, ILOAD = –1mA
LT1964 (Note 2)
ΔVIN = –2.8V to –20V, ILOAD = –1mA
l
l
15
1
50
12
mV
mV
Load Regulation
LT1964-5
VIN = –6V, ΔILOAD = –1mA to –200mA
VIN = –6V, ΔILOAD = –1mA to –200mA
l
15
35
50
mV
mV
LT1964
VIN = –2.8V, ΔILOAD = –1mA to –200mA
VIN = –2.8V, ΔILOAD = –1mA to –200mA
l
27
15
mV
mV
Dropout Voltage
VIN = VOUT(NOMINAL)
(Notes 4, 5)
ILOAD = –1mA
ILOAD = –1mA
l
0.1
0.15
0.19
V
V
ILOAD = –10mA
ILOAD = –10mA
l
0.15
0.20
0.25
V
V
ILOAD = –100mA
ILOAD = –100mA
l
0.26
0.33
0.39
V
V
ILOAD = –200mA
ILOAD = –200mA
l
0.34
0.42
0.49
V
V
GND Pin Current
VIN = VOUT(NOMINAL)
(Notes 4, 6)
ILOAD = 0mA
ILOAD = –1mA
ILOAD = –10mA
ILOAD = –100mA
ILOAD = –200mA
l
l
l
l
l
30
85
300
1.3
2.5
70
180
600
3
6
μA
μA
μA
mA
mA
ORDER INFORMATION
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1964ES5-SD
LT1964ES5-SD#TR
LTVX
5-Lead Plastic SOT-23
–40°C to 125°C
LT1964ES5-BYP
LT1964ES5-BYP#TR
LTVY
5-Lead Plastic SOT-23
–40°C to 125°C
LT1964ES5-5
LT1964ES5-5#TR
LTVZ
5-Lead Plastic SOT-23
–40°C to 125°C
LT1964EDD
LT1964EDD#TR
LDVM
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT1964IS5-SD
LT1964IS5-SD#TR
LTVX
5-Lead Plastic SOT-23
–40°C to 125°C
LT1964IS5-BYP
LT1964IS5-BYP#TR
LTVY
5-Lead Plastic SOT-23
–40°C to 125°C
LT1964IS5-5
LT1964IS5-5#TR
LTVZ
5-Lead Plastic SOT-23
–40°C to 125°C
LT1964IDD
LT1964IDD#TR
LDVM
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LT1964IS5-5PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1964 LINER-LT1964 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT1964 LINER-LT1964 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
More results

Similar Description - LT1964IS5-5PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_10 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Linear Technology
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Linear Technology
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
logo
Texas Instruments
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com