Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1963AIS8PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT1963AIS8PBF
Description  1.5A, Low Noise,Fast Transient Response LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963AIS8PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1963AIS8PBF Datasheet HTML 5Page - Linear Technology LT1963AIS8PBF Datasheet HTML 6Page - Linear Technology LT1963AIS8PBF Datasheet HTML 7Page - Linear Technology LT1963AIS8PBF Datasheet HTML 8Page - Linear Technology LT1963AIS8PBF Datasheet HTML 9Page - Linear Technology LT1963AIS8PBF Datasheet HTML 10Page - Linear Technology LT1963AIS8PBF Datasheet HTML 11Page - Linear Technology LT1963AIS8PBF Datasheet HTML 12Page - Linear Technology LT1963AIS8PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LT1963A Series
9
1963afd
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT VOLTAGE (V)
0
10
8
6
4
2
0
4
1963A G16
1
2
3
10
9
8
7
6
5
RL = 121, IL = 10mA*
RL = 12.1, IL = 100mA*
RL = 4.33, IL = 300mA*
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 1.21V
LT1963A GND Pin Current
INPUT VOLTAGE (V)
100
90
80
70
60
50
40
30
20
10
0
1963A G17
0123
4
5
67
8
9
10
RL = 1.8, IL = 1A*
RL = 1.2, IL = 1.5A*
RL = 3.6, IL = 500mA*
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 1.8V
LT1963A-1.8 GND Pin Current
LT1963A-1.5 GND Pin Current
INPUT VOLTAGE (V)
0
60
80
100
8
1963A G43
40
20
50
70
90
30
10
0
2
1
4
3
67
9
5
10
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 1.5V
RL = 1, IL = 1.5A*
RL = 1.5, IL = 1A*
RL = 3, IL = 500mA*
INPUT VOLTAGE (V)
100
90
80
70
60
50
40
30
20
10
0
1963A G18
0123
4
5
67
8
9
10
RL = 2.5, IL = 1A*
RL = 1.67, IL = 1.5A*
RL = 5, IL = 500mA*
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 2.5V
INPUT VOLTAGE (V)
100
90
80
70
60
50
40
30
20
10
0
1963A G19
0123
4
5
67
8
9
10
RL = 3.3, IL = 1A*
RL = 2.2, IL = 1.5A*
RL = 6.6, IL = 500mA*
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 3.3V
INPUT VOLTAGE (V)
100
90
80
70
60
50
40
30
20
10
0
1963A G20
0123
4
5
67
8
9
10
RL = 1.21, IL = 1A*
RL = 0.81, IL = 1.5A*
RL = 2.42, IL = 500mA*
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 1.21V
LT1963A-2.5 GND Pin Current
LT1963A-3.3 GND Pin Current
LT1963A GND Pin Current
OUTPUT CURRENT (A)
100
90
80
70
60
50
40
30
20
10
0
1963A G21
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VIN =VOUT (NOMINAL) +1V
TEMPERATURE (°C)
–50
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
50
75
1963A G23
–25
25
100
125
IL = 1mA
IL = 1.5A
TEMPERATURE (°C)
–50
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
50
75
1963A G22
–25
25
100
125
IL = 1mA
GND Pin Current vs ILOAD
SHDN Pin Threshold (On-to-Off)
SHDN Pin Threshold (Off-to-On)


Similar Part No. - LT1963AIS8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963AIS8 LINER-LT1963AIS8 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
LT1963AIS8 LINER-LT1963AIS8 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
logo
Linear Integrated Syste...
LT1963AIS8 LINEAR-LT1963AIS8 Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963AIS8 LINEAR-LT1963AIS8 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results

Similar Description - LT1963AIS8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8 LINER-LT1963AES8 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963AEQ LINEAR-LT1963AEQ Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963 LINER-LT1963 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963 LINER-LT1963_15 Datasheet
276Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Dimensions Semic...
LT1963AES8 LINEAR_DIMENSIONS-LT1963AES8 Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com