Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4010R Datasheet(PDF) 11 Page - Teccor Electronics

Part # S4010R
Description  SCRs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

S4010R Datasheet(HTML) 11 Page - Teccor Electronics

Back Button S4010R Datasheet HTML 4Page - Teccor Electronics S4010R Datasheet HTML 5Page - Teccor Electronics S4010R Datasheet HTML 6Page - Teccor Electronics S4010R Datasheet HTML 7Page - Teccor Electronics S4010R Datasheet HTML 8Page - Teccor Electronics S4010R Datasheet HTML 9Page - Teccor Electronics S4010R Datasheet HTML 10Page - Teccor Electronics S4010R Datasheet HTML 11Page - Teccor Electronics S4010R Datasheet HTML 12Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheets
SCRs
©2002 Teccor Electronics
E6 - 11
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Figure E6.23 Peak Surge Current versus Surge Current Duration
Figure E6.24 Power Dissipation (Typical) versus RMS On-state Current
(1 A)
Figure E6.25 Power Dissipation (Typical) versus RMS On-state Current
(6 A through 20 A)
8
1
2
3
4
5
6
1000
10
20
30
40
50
60
80
100
200
300
400
500
600
800
1
23
5
4
6 7 8 10
20
30 40 60 80100
200 300400 600
1000
Surge Current Duration – Full Cycles
70 A Devices
65 A TO-
218
55 A Devices
25 A Devices
35 A Devices
20 A Devices
16 A Devices
15 A Devices
12 A Devices
10 A Devices
1 A Devices
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT: [IT(RMS)]: Max-
Rated Value at Specified Case Temperature
Notes:
1) Gate control may be lost during and
immediately following surge current
interval.
2) Overload may not be repeated until
junction temperature has returned to
steady-state rated value.
8 A Devices
6 A Devices
40 A Devi
ces
0
0.2
0.4
0.6
0.8
0
0.4
0.8
1.0
0.2
RMS On-state Current [I
T(RMS)] – Amps
CURRENT WAVEFORM: Half Sine Wave
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
1.0 A Devices
1.0
0.6
04
8
12
16
0
RMS On-state Current [I
T(RMS)] – Amps
CURRENT WAVEFORM: Half Sine Wave
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
2
6
10
14
18
2
4
6
8
10
12
14
16
18
20
15 A to 20 A Devices
12 A Devices
6 A to 10 A Devices


Similar Part No. - S4010R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S4010R LITTELFUSE-S4010R Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S4010R LITTELFUSE-S4010R Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
S4010R LITTELFUSE-S4010R Datasheet
218Kb / 12P
   RoHS Compliant
logo
List of Unclassifed Man...
S4010R ETC2-S4010R Datasheet
218Kb / 12P
   RoHS Compliant
More results

Similar Description - S4010R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
logo
HAOPIN MICROELECTRONICS...
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
   SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
   SCRs
C106D HAOPIN-C106D Datasheet
236Kb / 4P
   SCRs
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
   SCRs
logo
Unisonic Technologies
US108S UTC-US108S_11 Datasheet
131Kb / 3P
   SCRS
logo
New Jersey Semi-Conduct...
2N4149 NJSEMI-2N4149 Datasheet
68Kb / 2P
   SCRs
logo
HAOPIN MICROELECTRONICS...
PCR406 HAOPIN-PCR406 Datasheet
110Kb / 4P
   SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com