Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1963 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1963
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1963 Datasheet HTML 7Page - Linear Technology LT1963 Datasheet HTML 8Page - Linear Technology LT1963 Datasheet HTML 9Page - Linear Technology LT1963 Datasheet HTML 10Page - Linear Technology LT1963 Datasheet HTML 11Page - Linear Technology LT1963 Datasheet HTML 12Page - Linear Technology LT1963 Datasheet HTML 13Page - Linear Technology LT1963 Datasheet HTML 14Page - Linear Technology LT1963 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1963 Series
1963fc
Figure 2. Adjustable Operation
IN
1963 F02
R2
OUT
VIN
VOUT
ADJ
GND
LT1963
R1
+
VV
R
R
IR
VV
IA
OUT
ADJ
ADJ
ADJ
=+
⎝⎜
⎠⎟
+
()( )
=
121 1
2
1
2
121
3
.
.
µ AT 25 C
OUTPUT RANGE = 1.21V TO 20V
APPLICATIO S I FOR ATIO
The LT1963 series are 1.5A low dropout regulators opti-
mized for fast transient response. The devices are capable
of supplying 1.5A at a dropout voltage of 350mV. The low
operating quiescent current (1mA) drops to less than 1
µA
in shutdown. In addition to the low quiescent current, the
LT1963 regulators incorporate several protection features
which make them ideal for use in battery-powered sys-
tems. The devices are protected against both reverse input
and reverse output voltages. In battery backup applica-
tions where the output can be held up by a backup battery
when the input is pulled to ground, the LT1963-X acts like
it has a diode in series with its output and prevents reverse
current flow. Additionally, in dual supply applications
where the regulator load is returned to a negative supply,
the output can be pulled below ground by as much as 20V
and still allow the device to start and operate.
Adjustable Operation
The adjustable version of the LT1963 has an output
voltage range of 1.21V to 20V. The output voltage is set by
the ratio of two external resistors as shown in Figure 2. The
device servos the output to maintain the voltage at the ADJ
pin at 1.21V referenced to ground. The current in R1 is
then equal to 1.21V/R1 and the current in R2 is the current
in R1 plus the ADJ pin bias current. The ADJ pin bias
current, 3
µA at 25°C, flows through R2 into the ADJ pin.
The output voltage can be calculated using the formula in
Figure 2. The value of R1 should be less than 4.17k to
minimize errors in the output voltage caused by the ADJ
pin bias current. Note that in shutdown the output is turned
off and the divider current will be zero.
The adjustable device is tested and specified with the ADJ
pin tied to the OUT pin for an output voltage of 1.21V.
Specifications for output voltages greater than 1.21V will
be proportional to the ratio of the desired output voltage to
1.21V: VOUT/1.21V. For example, load regulation for an
output current change of 1mA to 1.5A is – 3mV typical at
VOUT = 1.21V. At VOUT = 5V, load regulation is:
(5V/1.21V)(–3mV) = – 12.4mV
Output Capacitance and Transient Response
The LT1963 regulators are designed to be stable with a wide
range of output capacitors. The ESR of the output capacitor
affects stability, most notably with small capacitors. A mini-
mum output capacitor of 10
µF with an ESR in the range of
50m
Ωto3Ωisrecommendedtopreventoscillations.Larger
values of output capacitance can decrease the peak devia-
tions and provide improved transient response for larger
load current changes. Bypass capacitors, used to decouple
individual components powered by the LT1963, will in-
crease the effective output capacitor value.
Extra consideration must be given to the use of ceramic
capacitors. Ceramic capacitors are manufactured with a
variety of dielectrics, each with different behavior across
temperature and applied voltage. The most common di-
electrics used are specified with EIA temperature charac-
teristic codes of Z5U, Y5V, X5R and X7R. The Z5U and Y5V
dielectrics are good for providing high capacitances in a
small package, but they tend to have strong voltage and
temperature coefficients as shown in Figures 2 and 3.
When used with a 5V regulator, a 16V 10
µF Y5V capacitor
can exhibit an effective value as low as 1
µF to 2µF for the
DC bias voltage applied and over the operating tempera-
ture range. The X5R and X7R dielectrics result in more
stable characteristics and are more suitable for use as the
output capacitor. The X7R type has better stability across
temperature, while the X5R is less expensive and is
available in higher values. Care still must be exercised
when using X5R and X7R capacitors; the X5R and X7R
codes only specify operating temperature range and maxi-
mum capacitance change over temperature. Capacitance
change due to DC bias with X5R and X7R capacitors is
better than Y5V and Z5U capacitors, but can still be
significant enough to drop capacitor values below appro-
priate levels. Capacitor DC bias characteristics tend to


Similar Part No. - LT1963

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963 LINEAR-LT1963 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
logo
Linear Technology
LT1963 LINER-LT1963 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1963 LINER-LT1963 Datasheet
558Kb / 26P
   800mA Single Resistor Rugged Linear Regulator
LT1963 LINER-LT1963 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
More results

Similar Description - LT1963

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8 LINER-LT1963AES8 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963AEQ LINEAR-LT1963AEQ Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963A LINER-LT1963A Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963 LINER-LT1963_15 Datasheet
276Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Dimensions Semic...
LT1963AES8 LINEAR_DIMENSIONS-LT1963AES8 Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com