Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK008V Datasheet(PDF) 10 Page - Teccor Electronics

Part # SK008V
Description  SCRs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

SK008V Datasheet(HTML) 10 Page - Teccor Electronics

Back Button SK008V Datasheet HTML 4Page - Teccor Electronics SK008V Datasheet HTML 5Page - Teccor Electronics SK008V Datasheet HTML 6Page - Teccor Electronics SK008V Datasheet HTML 7Page - Teccor Electronics SK008V Datasheet HTML 8Page - Teccor Electronics SK008V Datasheet HTML 9Page - Teccor Electronics SK008V Datasheet HTML 10Page - Teccor Electronics SK008V Datasheet HTML 11Page - Teccor Electronics SK008V Datasheet HTML 12Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SCRs
Data Sheets
http://www.teccor.com
E6 - 10
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Figure E6.19 Instantaneous On-state Current versus On-state Voltage
(Typical) (6 A through 25 A)
Figure E6.20 Instantaneous On-state Current versus On-state Voltage
(Typical) (35 A through 70 A)
Figure E6.21 Normalized DC Gate-trigger Voltage versus
Case Temperature
Figure E6.22 Typical Turn-on Time versus Gate-trigger Current
0
0.6
0.8
1.0
1.2
1.4
1.6
0
10
20
30
40
50
60
70
80
90
Instantaneous On-state Voltage (vT) – Volts
TC = 25˚C
12 A Devices
15 A to 20 A Devices
1 A Devices
6 A to 10 A Devices
25 A Devices
0
.6
.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
120
140
160
180
200
Instantaneous On-state Voltage (v
T) – Volts
T
C = 25˚C
65 A and 70 A Devices
55 A Devices
35 A to 40 A Devices
-40
-15
+25
+65
+105 +125
0
0.5
1.0
1.5
Case Temperature (TC) – ˚C
10
20
30
40
50 60
80
100
200
1
2
3
4
5
6
7
0
DC Gate Trigger Current (I
GT) – mA
6 A to 12 A Devices
1 A Devices
40 A to 70 A Devices
15 A to 35 A Devices
T
C = 25˚C


Similar Part No. - SK008V

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SK008V LITTELFUSE-SK008V Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
SK008V LITTELFUSE-SK008V Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
SK008V LITTELFUSE-SK008V Datasheet
218Kb / 12P
   RoHS Compliant
logo
List of Unclassifed Man...
SK008V ETC2-SK008V Datasheet
218Kb / 12P
   RoHS Compliant
logo
Littelfuse
SK008V LITTELFUSE-SK008V Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results

Similar Description - SK008V

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
logo
HAOPIN MICROELECTRONICS...
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
   SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
   SCRs
C106D HAOPIN-C106D Datasheet
236Kb / 4P
   SCRs
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
   SCRs
logo
Unisonic Technologies
US108S UTC-US108S_11 Datasheet
131Kb / 3P
   SCRS
logo
New Jersey Semi-Conduct...
2N4149 NJSEMI-2N4149 Datasheet
68Kb / 2P
   SCRs
logo
HAOPIN MICROELECTRONICS...
PCR406 HAOPIN-PCR406 Datasheet
110Kb / 4P
   SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com