Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC4423 Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part No. TC4423
Description  3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TELCOM [TelCom Semiconductor, Inc]
Homepage  http://www.telcom-semi.com
Logo 

TC4423 Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4-241
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
3A DUAL HIGH-SPEED
POWER MOSFET DRIVERS
TC4423
TC4424
TC4425
TYPICAL CHARACTERISTICS (Cont.)
–55 –35 –15
5
25
45
65
85
105 125
Propagation Delay Time vs. Supply Voltage
50
45
40
35
30
25
20
Quiescent Current vs. Temperature
1
0.1
0.01
4
6
8
1012141618
Delay Time vs. Temperature
50
45
40
35
30
25
20
TA (°C)
DD
V
–55 –35 –15
5
25
45
65
85
105 125
4
6
8
10
12
14
16
18
TA (°C)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Quiescent Current vs. Supply Voltage
DD
V
Output Resistance (Output High)
vs. Supply Voltage
14
12
10
8
6
4
2
4
6
8
10
12
14
16
18
DD
V
Output Resistance (Output Low)
vs. Supply Voltage
14
12
10
8
6
4
2
4
6
8
10
12
14
16
18
DD
V
C
= 2200 pF
LOAD
C
= 2200 pF
LOAD
tD2
tD2
tD2
tD2
BOTH INPUTS = 1
INPUTS = 1
INPUTS = 0
WORST CASE @ TJ = +150°C
TYP @ TA = +25°C
TYP @ TA = +25°C
WORST CASE @ TJ = +150°C
TA = +25°C
BOTH INPUTS = 0


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC44233A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 MoreMicrochip Technology
TC44261.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 MoreMicrochip Technology
TC4426A1.5A Dual High-Speed Power MOSFET Drivers 1 2 3 4 5 MoreMicrochip Technology
TC4261.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 TelCom Semiconductor, Inc
TC44261.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 MoreTelCom Semiconductor, Inc
TC4426A1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 TelCom Semiconductor, Inc
TC4261.5A Dual High-Speed Power MOSFET Drivers 1 2 3 4 5 MoreMicrochip Technology
HS-4423RHRadiation Hardened Dual Inverting Power MOSFET Drivers 1 2 Intersil Corporation
HS-4424RHRadiation Hardened Dual Non-Inverting Power MOSFET Drivers 1 2 Intersil Corporation
TC14261.2A DUAL HIGH-SPEED MOSFET DRIVERS 1 2 3 4 5 MoreTelCom Semiconductor, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn