Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC4423 Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part No. TC4423
Description  3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TELCOM [TelCom Semiconductor, Inc]
Homepage  http://www.telcom-semi.com
Logo 

TC4423 Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
4-242
TELCOM SEMICONDUCTOR, INC.
SUPPLY CURRENT CHARACTERISTICS (Load on Single Output Only)
10,000 pF
10,000 pF
Supply Current vs. Capacitive Load
100
1000
10,000
60
50
40
30
20
10
0
Supply Current vs. Capacitive Load
100
1000
10,000
Supply Current vs. Capacitive Load
100
1000
10,000
Supply Current vs. Frequency
FREQUENCY (kHz)
Supply Current vs. Frequency
10
100
1000
FREQUENCY (kHz)
90
80
70
60
50
40
30
20
10
0
Supply Current vs. Frequency
10
100
1000
FREQUENCY (kHz)
355 kHz
200 kHz
35.5 kHz
634 kHz
2 MHz
100 pF
1000 pF
4700 pF
100 pF
V
= 12V
DD
V
= 12V
DD
V
= 6V
DD
CLOAD (pF)
V
= 18V
DD
60
50
40
30
20
10
0
10
100
1000
112.5 kHz
20 kHz
3300 pF
100 pF
1000 pF
63.4 kHz
DD
V
= 18V
3300 pF
1000 pF
1.125 MHz
634 kHz
355 kHz
200 kHz
112.5 kHz
63.4 kHz
20 kHz
90
80
70
60
50
40
30
20
10
0
634 kHz
355 kHz
112.5 kHz
20 kHz
2 MHz
1.125 MHz
3.55 MHz
120
100
80
60
40
20
0
10,000 pF
DD
V
= 6V
2200 pF
120
100
80
60
40
20
0
CLOAD (pF)
CLOAD (pF)
3A DUAL HIGH-SPEED
MOSFET DRIVERS
TC4423
TC4424
TC4425


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC44233A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 MoreMicrochip Technology
TC44261.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 MoreMicrochip Technology
TC4426A1.5A Dual High-Speed Power MOSFET Drivers 1 2 3 4 5 MoreMicrochip Technology
TC4261.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 TelCom Semiconductor, Inc
TC44261.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 MoreTelCom Semiconductor, Inc
TC4426A1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 TelCom Semiconductor, Inc
TC4261.5A Dual High-Speed Power MOSFET Drivers 1 2 3 4 5 MoreMicrochip Technology
HS-4423RHRadiation Hardened Dual Inverting Power MOSFET Drivers 1 2 Intersil Corporation
HS-4424RHRadiation Hardened Dual Non-Inverting Power MOSFET Drivers 1 2 Intersil Corporation
TC14261.2A DUAL HIGH-SPEED MOSFET DRIVERS 1 2 3 4 5 MoreTelCom Semiconductor, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn