Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1944 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1944
Description  Dual Micropower Step-Up DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1944 Datasheet(HTML) 7 Page - Linear Technology

  LT1944 Datasheet HTML 1Page - Linear Technology LT1944 Datasheet HTML 2Page - Linear Technology LT1944 Datasheet HTML 3Page - Linear Technology LT1944 Datasheet HTML 4Page - Linear Technology LT1944 Datasheet HTML 5Page - Linear Technology LT1944 Datasheet HTML 6Page - Linear Technology LT1944 Datasheet HTML 7Page - Linear Technology LT1944 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LT1944
TYPICAL APPLICATIO S
VIN
SW1
FB2
LT1944
4
3
L1
4.7
µH
D1
SHDN2
324k
1M
C2
10
µF
5V
40mA
3.3V
80mA
VIN
1.8V
TO 3V
C1: TAIYO YUDEN JMK212BJ475
C2, C3: TAIYO YUDEN JMK316BJ106
D1, D2: ON SEMI MBR0520
L1, L2: MURATA LQH3C4R7
(408) 573-4150
(408) 573-4150
(800) 282-9855
(814) 237-1431
1944 TA02
GND
7
PGND
9
PGND
6
810
SW2
4.7pF
C1
4.7
µF
FB1
2
5
1
SHDN1
L2
4.7
µH
D2
1M
604k
4.7pF
C3
10
µF
2-Cell Dual Output (3.3V, 5V) Boost Converter
LOAD CURRENT (mA)
0.1
110
100
1944 TA02a
90
85
80
75
70
65
60
55
50
VIN = 3V
VIN = 1.8V
LOAD CURRENT (mA)
0.1
1
10
100
1944 TA02b
90
85
80
75
70
65
60
55
50
VIN = 3V
VIN = 1.8V
2-Cell to 5V Efficiency
2-Cell to 3.3V Efficiency
PACKAGE DESCRIPTIO
MS10 Package
10-Lead Plastic MSOP
(LTC DWG # 05-08-1661)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
MSOP (MS10) 1100
* DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH,
PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
0.021
± 0.006
(0.53
± 0.015)
0
° – 6° TYP
SEATING
PLANE
0.007
(0.18)
0.043
(1.10)
MAX
0.007 – 0.011
(0.17 – 0.27)
0.005
± 0.002
(0.13
± 0.05)
0.034
(0.86)
REF
0.0197
(0.50)
BSC
12 3 45
0.193
± 0.006
(4.90
± 0.15)
8
9
10
7 6
0.118
± 0.004*
(3.00
± 0.102)
0.118
± 0.004**
(3.00
± 0.102)


Similar Part No. - LT1944

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1944 LINER-LT1944 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1944 LINER-LT1944 Datasheet
169Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
LT1944-1 LINER-LT1944-1 Datasheet
161Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
LT1944-1 LINER-LT1944-1 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1944-1 LINER-LT1944-1 Datasheet
153Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
More results

Similar Description - LT1944

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1944-1 LINER-LT1944-1 Datasheet
161Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
LT1944-1 LINER-LT1944-1_15 Datasheet
153Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
LT1944 LINER-LT1944_15 Datasheet
169Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5138 AME-AME5138 Datasheet
533Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309B TMT-T6309B Datasheet
131Kb / 11P
   Micropower Step-up DC/DC Converter
T6309A TMT-T6309A Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
logo
STMicroelectronics
ST5R00 STMICROELECTRONICS-ST5R00 Datasheet
680Kb / 15P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com