Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1943 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1943
Description  High Current Quad Output Regulator for TFT LCD Panels
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1943 Datasheet(HTML) 5 Page - Linear Technology

  LT1943 Datasheet HTML 1Page - Linear Technology LT1943 Datasheet HTML 2Page - Linear Technology LT1943 Datasheet HTML 3Page - Linear Technology LT1943 Datasheet HTML 4Page - Linear Technology LT1943 Datasheet HTML 5Page - Linear Technology LT1943 Datasheet HTML 6Page - Linear Technology LT1943 Datasheet HTML 7Page - Linear Technology LT1943 Datasheet HTML 8Page - Linear Technology LT1943 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT1943
5
1943fa
TYPICAL PERFOR A CE CHARACTERISTICS
SW3 CURRENT (A)
0
0.4
1943 G11
0.1
0.2
0.3
0
0.4
0.1
0.2
0.3
500
400
300
200
100
0
500
400
300
200
100
0
SW4 CURRENT (A)
1943 G12
SW2 CURRENT (A)
0
600
500
400
300
200
100
0
0.5
1.0
1.5
2.0
1943 G10
2.5
3.0
SW1 CURRENT (A)
0
600
500
400
300
200
100
0
0.5
1.0
1.5
2.0
1943 G09
2.5
3.0
TEMPERATURE (
°C)
–50
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.8
0.7
0.6
0.5
0.4
0.3
0.2
25
75
1943 G07
–25
0
50
100
125
TEMPERATURE (
°C)
–50
25
75
1943 G08
–25
0
50
100
125
TEMPERATURE (
°C)
–50
5.0
4.5
4.0
3.5
3.0
2.5
0
50
75
1943 G06
–25
25
100
125
SW1 CURRENT (A)
0
100
80
60
40
20
0
0.5
1.0
1.5
2.0
1943 G05
2.5
3.0
LOAD CURRENT (mA)
0
6.0
5.5
5.0
4.5
4.0
3.5
3.0
20
40
60
80
1943 G04
100
TA = 25°C
TA = 25°C
TA = 25°C
TA = 25°C
TA = 25°C
TA = 25°C
MINIMUM Input Voltage to Start,
VLOGIC = 3.3V
SW4 VCESAT
SW3 VCESAT
SW2 VCESAT
SW1 VCESAT
SW4 Current Limit
SW3 Current Limit
BOOST Pin Current
SW2 Current Limit


Similar Part No. - LT1943

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1943 LINER-LT1943 Datasheet
279Kb / 12P
   High Current Quad Output Regulator for TFT LCD Panels
LT1943 LINER-LT1943 Datasheet
277Kb / 20P
   High Current Quad Output Regulator for TFT LCD Panels
LT1943EFE LINER-LT1943EFE Datasheet
279Kb / 12P
   High Current Quad Output Regulator for TFT LCD Panels
LT1943 LINER-LT1943_15 Datasheet
277Kb / 20P
   High Current Quad Output Regulator for TFT LCD Panels
More results

Similar Description - LT1943

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1943 LINER-LT1943 Datasheet
279Kb / 12P
   High Current Quad Output Regulator for TFT LCD Panels
LT1943 LINER-LT1943_15 Datasheet
277Kb / 20P
   High Current Quad Output Regulator for TFT LCD Panels
LT3513 LINER-LT3513_15 Datasheet
384Kb / 22P
   2MHz High Current 5-Output Regulator for TFT-LCD Panels
LT3513 LINER-LT3513 Datasheet
261Kb / 20P
   2MHz High Current 5-Output Regulator for TFT-LCD Panels
logo
National Semiconductor ...
LM6584 NSC-LM6584 Datasheet
976Kb / 16P
   TFT-LCD Quad, 13V RRIO High Output Current
logo
Toshiba Semiconductor
JBT6L77-AS TOSHIBA-JBT6L77-AS Datasheet
222Kb / 20P
   Source Driver for TFT LCD Panels
logo
Richtek Technology Corp...
RT6908 RICHTEK-RT6908 Datasheet
429Kb / 22P
   PMIC for TFT LCD TV Panels
logo
Toshiba Semiconductor
JBT6K47-AS TOSHIBA-JBT6K47-AS Datasheet
231Kb / 22P
   Source Driver for TFT LCD Panels
T6LD4 TOSHIBA-T6LD4 Datasheet
142Kb / 11P
   Gate Driver for TFT LCD Panels
T6LE2 TOSHIBA-T6LE2 Datasheet
198Kb / 12P
   Gate Driver for TFT LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com