Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAT54BRW Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KAT54BRW
Description  Surface Mount Schottky Barrier Diode Arrays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KAT54BRW Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KAT54BRW Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KAT54BRW Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
Marking
NO.
KAT54ADW
KAT54CDW
KAT54SDW
KAT54BRW
KAT54TW
Marking
KL6
KL7
KL8
KLB
KLA
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Reverse Breakdown Voltage *
V(BR)R
IR=100
A
30
V
IF = 0.1mA
240
IF = 1mA
320
IF =10mA
400
IF = 30mA
500
IF = 100mA
1000
Peak Reverse Current 8
IR
VR = 25V
2.0
A
Junction Capacitance
Cj
VR = 1.0V, f = 1.0MHz
10
pF
Reverse Recovery Time
trr
IF = 10mA through IR = 10mA to IR =
1.0mA, RL = 100
5ns
* Short duration test pulse used to minimize self-heating effect.
mV
VFM
Maximum Forward Voltage *
KAT54TW,ADW,CDW,SDW,BRW
(BAT54TW,ADW,CDW,SDW,BRW)


Similar Part No. - KAT54BRW

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KAT54 KEXIN-KAT54 Datasheet
149Kb / 2P
   Schottky Diodes
KAT54A KEXIN-KAT54A Datasheet
149Kb / 2P
   Schottky Diodes
logo
Shenzhen Luguang Electr...
KAT54AW LUGUANG-KAT54AW Datasheet
374Kb / 3P
   Surfacemount Schottky Barrier Diodes
KAT54AW LUGUANG-KAT54AW Datasheet
374Kb / 3P
   Surfacemount Schottky Barrier Diodes
logo
Guangdong Kexin Industr...
KAT54C KEXIN-KAT54C Datasheet
149Kb / 2P
   Schottky Diodes
More results

Similar Description - KAT54BRW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT40V DIODES-BAT40V_08 Datasheet
122Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
BAS40TW DIODES-BAS40TW_15 Datasheet
131Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
logo
Jiangsu Changjiang Elec...
FBAS70BRW JIANGSU-FBAS70BRW Datasheet
212Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
logo
Diodes Incorporated
BAT54V DIODES-BAT54V_1 Datasheet
88Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30560 Rev. 4 - 2
logo
Jiangsu Changjiang Elec...
FBAS70DW-05 JIANGSU-FBAS70DW-05 Datasheet
209Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
FBAS70DW-06 JIANGSU-FBAS70DW-06 Datasheet
212Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
logo
Diodes Incorporated
BAS70TW DIODES-BAS70TW Datasheet
56Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30158 Rev. E-1
BAT54SDWQ DIODES-BAT54SDWQ Datasheet
319Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
BAT54SDWQ DIODES-BAT54SDWQ_V01 Datasheet
408Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
November 2018 Rev. 2 - 2
BAT54TW DIODES-BAT54TW_1 Datasheet
94Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 11 - 2
logo
Jiangsu Changjiang Elec...
FBAS40BRW JIANGSU-FBAS40BRW Datasheet
229Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com