Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4404 Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC4404
Description  1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4404 Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC4404 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4404 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4404 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4404 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4404 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4404 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4-223
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TYPICAL CHARACTERISTICS
Rise and Fall Times
vs. Temperature
Propagation Delay
vs. Supply Voltage
Fall Time vs. Supply Voltage
Rise Time vs. Supply Voltage
Fall Time vs. Capacitive Load
60
50
40
30
20
10
46
8
10
12
14
16
18
tD2
tD1
CLOAD = 1000 pF
VDD
46
8
10
12
14
16
18
VDD
100 pF
470 pF
2200 pF
1500 pF
100
80
60
40
20
0
1000 pF
TA = +25°C
t RISE
TEMPERATURE (
°C)
CLOAD = 1000 pF
60
50
40
30
20
10
–55 –35
5
25 45 65 85 105 125
–15
t FALL
VDD = 17.5V
46
8
10
12
14
16
18
100 pF
470 pF
1000 pF
2200 pF
1500 pF
100
80
60
40
20
0
VDD
TA = +25°C
Rise TIme vs. Capacitive Load
100
1000
10,000
CLOAD (pF)
VDD = 5V
10V
15V
100
80
60
40
20
0
TA = +25°C
100
1000
10,000
100
80
60
40
20
0
CLOAD (pF)
VDD = 5V
TA = +25°C
10V
15V
TA = +25°C
Quiescent Supply Current
vs. Voltage
TEMPERATURE (
°C)
4
60
50
40
30
20
10
18
6
8
10
12
14
16
VDRIVE (V)
60
50
40
30
20
10
10
Effect of Input Amplitude
on Delay Time
Propagation Delay Time
vs. Temperature
–55 –35 –15 5
25 45 65 85 105 125
CLOAD = 1000 pF
VDD = 10V
TA = +25°C
VLOAD = 1000 pF
VDD = 17.5V
tD2
tD2
tD1
BOTH INPUTS = 1
BOTH INPUTS = 0
02468
10
tD1
VDD
TA= +25°C
1
0.1
TC4404
TC4405
1.5A DUAL OPEN-DRAIN
MOSFET DRIVERS


Similar Part No. - TC4404

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4404 MICROCHIP-TC4404 Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
TC4404 MICROCHIP-TC4404 Datasheet
562Kb / 22P
   1.5A Dual Open-Drain MOSFET Drivers
07/14/15
TC4404COA MICROCHIP-TC4404COA Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
TC4404COA MICROCHIP-TC4404COA Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404COA MICROCHIP-TC4404COA Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
More results

Similar Description - TC4404

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_06 Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404 MICROCHIP-TC4404 Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
TC4404 MICROCHIP-TC4404_13 Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
TC4404 MICROCHIP-TC4404_16 Datasheet
562Kb / 22P
   1.5A Dual Open-Drain MOSFET Drivers
07/14/15
logo
Renesas Technology Corp
RD74LVC2G07 RENESAS-RD74LVC2G07 Datasheet
2Mb / 7P
   Dual Buffers / Drivers with Open Drain
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com