Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC426 Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part No. TC426
Description  1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TELCOM [TelCom Semiconductor, Inc]
Homepage  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC426 Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC426 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC426 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC426 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC426 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC426 Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4-172
TELCOM SEMICONDUCTOR, INC.
TC426
TC427
TC428
1.5A DUAL HIGH-SPEED
POWER MOSFET DRIVERS
TYPICAL CHARACTERISTICS
123456
20
15
10
5
0
SUPPLY CURRENT (mA)
Supply Voltage vs
Quiescent Supply Current
NO LOAD
BOTH INPUTS LOGIC "1"
T
= +25
°C
A
0
20
15
10
5
0
50
100
150
200
250
300
SUPPLY CURRENT (
µA)
Supply Voltage vs
Quiescent Supply Current
NO LOAD
BOTH INPUTS LOGIC "0"
T
= +25
°C
A
100
1
10
1000
10K
CAPACITIVE LOAD (pF)
Rise and Fall Times vs
Capacitive Load
10
1K
100
30
20
10
0
–25
0
25
150
Rise and Fall Times vs
Temperature
40
50
75
100
125
TEMPERATURE (
°C)
35
25
15
R
t
F
t
80
70
60
50
30
0
Delay Times vs Supply Voltage
40
90
SUPPLY VOLTAGE (V)
510
15
20
D1
t
D2
t
CL
TA
= 1000pF
= +25
°C
90
80
70
60
40
30
0
–25
50
100
150
TEMPERATURE (
°C)
Delay Times vs Temperature
50
100
25
75
125
D1
t
CL
VDD
= 1000pF
= 18V
D2
t
70
60
50
40
20
0
10
Supply Current vs
Capacitive Load
30
80
400kHz
200kHz
20kHz
TA
VDD
= +25
°C
= 18V
100
1000
10K
CAPACITIVE LOAD (pF)
10
0.96
0.72
0.48
0.24
0
10
Low Output vs Voltage
1.20
TA= +25°C
20 30 40 50 60 70 80 90 100
CURRENT SUNK (mA)
VDD = 5V
10V
15V
1.76
1.32
0.88
0.44
0
10
High Output vs Voltage
2.20
TA= +25°C
20 30 40 50 60 70 80 90 100
CURRENT SOURCED (mA)
18V
VDD = 8V
13V
20
10
0
1
Supply Current vs Frequency
30
10
100
1000
FREQUENCY (kHz)
CL
T
A
= 1000pF
= +25
°C
VDD = 18V
10V
5V
60
50
40
30
10
0
5
10
15
20
SUPPLY VOLTAGE (V)
70
R
t
F
t
CL
TA
= 1000pF
= +25
°C
Rise and Fall Times vs
Supply Voltage
CL
VDD
= 1000 pF
= 18V
20
R
t
F
t
TA
VDD
= +25
°C
= 18V
200
0
400
600
800
1000
1200
1400
1600
0
10
20
30
40
50
60
70
80
90
100
110
120
AMBIENT TEMPERATURE (
°C)
8 Pin DIP
Thermal Derating Curves
8 Pin CerDIP
8 Pin SOIC


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC44261.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 MoreTelCom Semiconductor, Inc
TC4426A1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 TelCom Semiconductor, Inc
TC4261.5A Dual High-Speed Power MOSFET Drivers 1 2 3 4 5 MoreMicrochip Technology
TC44261.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 MoreMicrochip Technology
TC4426A1.5A Dual High-Speed Power MOSFET Drivers 1 2 3 4 5 MoreMicrochip Technology
MAX4426Dual High-Speed 1.5A MOSFET Drivers 1 2 3 4 5 MoreMaxim Integrated Products
TC44233A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 MoreTelCom Semiconductor, Inc
TC44233A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 MoreMicrochip Technology
EL7202CHigh Speed Dual Channel Power MOSFET Drivers 1 2 3 4 5 MoreElantec Semiconductor
TC44311.5A HIGH-SPEED 30V MOSFET DRIVERS 1 2 3 4 TelCom Semiconductor, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn