Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC14433ELI Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC14433ELI
Description  3-1/2 DIGIT A/D CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC14433ELI Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

Back Button TC14433ELI Datasheet HTML 2Page - TelCom Semiconductor, Inc TC14433ELI Datasheet HTML 3Page - TelCom Semiconductor, Inc TC14433ELI Datasheet HTML 4Page - TelCom Semiconductor, Inc TC14433ELI Datasheet HTML 5Page - TelCom Semiconductor, Inc TC14433ELI Datasheet HTML 6Page - TelCom Semiconductor, Inc TC14433ELI Datasheet HTML 7Page - TelCom Semiconductor, Inc TC14433ELI Datasheet HTML 8Page - TelCom Semiconductor, Inc TC14433ELI Datasheet HTML 9Page - TelCom Semiconductor, Inc TC14433ELI Datasheet HTML 10Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
3-132
TELCOM SEMICONDUCTOR, INC.
Segment 3 — This segment of the conversion cycle is
the same as Segment 1.
Segment 4 — Segment 4 is an up-going ramp cycle with
the unknown input voltage (VX) as the input to the integrator.
Figure 8 shows the equivalent configuration of the analog
section of the TC14433. The actual configuration of the
analog section is dependent upon the polarity of the input
voltage during the previous conversion cycle.
Segment 5 — This segment is a down-going ramp
period with the reference voltage as the input to the integra-
tor. Segment 5 of the conversion cycle has a time equal to
the number of counts stored in the offset storage latches
during Segment 2. As a result, the system zeros automati-
cally.
Segment 6 — This is an extension of Segment 5. The
time period for this portion is 4000 clock periods. The results
of the A/D conversion cycle are determined in this portion of
the conversion cycle.
Figure 10. 3-1/2 Digit Voltmeter Common-Anode Displays, Flashing Overrange
3
1
4
5
6
7
8
23
22
21
20
13
9
14
15 19 18 17 16
11 10 2 12 24
4
2
3
5
9
10
11
12
13
14
15
1
7
6
5
4
3
2
1
10
11
12
13
14
15
16
0.1
µF**
R1*
0.1
µF
R
C
Vx
20K
1
2
3
D
C
S
R
TC14433
Q
Q
D
C
S
R
+5V
–5V
16
+5V
+5V
SEGMENT
RESISTORS
150
(7)
+5V
Q
Q
50
µF
0.1
µF
–5V
–5V
–5V
–5V
8
MINUS SIGN
200
PLUS SIGN
110
51k
67
+5V
–5V
–5V
–5V
MPS-A12
(4)
COMMON
ANODE LED
DISPLAY
MPS-A12
300k
0.1
0.1
µF
14013B
5
3
9
11
1
2
13
12
6
714
10
*R 1
R 1
= 470k
FOR 2V RANGE
**MYLAR CAPACITOR
= 27k
FOR 200mV RANGE
fgedcba
+5V
0.1
µF
0.1
µF
4
8
DS 4
DS 3
DS 2
DS 1
–5V
TC04
4543B
1413
Figure 9. Alternate Oscillator Circuits
(B) LC Oscillator Circuit
10
L
C
11
C
TC14433
TC14433
CLK1
11
10
18M
47k
(A) Crystal Oscillator Circuit
10 pF < C AND C < 200 pF
1
2
FOR L = 5 mH AND C = 0.01
µF, f 32 kHz
C
1
f =
1
2
2/LC
CLK0
CLK1
CLK0
C
2
3-1/2 DIGIT A/D CONVERTERS
TC14433
TC14433A


Similar Part No. - TC14433ELI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC14433ELI MICROCHIP-TC14433ELI Datasheet
501Kb / 20P
   3-1/2 Digit, Analog-to-Digital Converter
2002
More results

Similar Description - TC14433ELI

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7106 TELCOM-TC7106 Datasheet
296Kb / 19P
   3-1/2 DIGIT A/D CONVERTERS
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
National Semiconductor ...
ADC3511 NSC-ADC3511 Datasheet
286Kb / 9P
   3 1/2 DIGIT MICROPROCESSOR COMPATIBLE A/D
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Renesas Technology Corp
CA3162 RENESAS-CA3162 Datasheet
464Kb / 8P
   A/D Converters for 3-Digit Display
logo
Intersil Corporation
CA3162 INTERSIL-CA3162 Datasheet
109Kb / 7P
   A/D Converters for 3-Digit Display
August 1997
CA3162 INTERSIL-CA3162_02 Datasheet
579Kb / 7P
   A/D Converters for 3-Digit Display
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com