Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC18C46 Datasheet(PDF) 7 Page - TelCom Semiconductor, Inc

Part # TC18C46
Description  CMOS CURRENT MODE PWM CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC18C46 Datasheet(HTML) 7 Page - TelCom Semiconductor, Inc

Back Button TC18C46 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC18C46 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC18C46 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC18C46 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC18C46 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC18C46 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC18C46 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC18C46 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC18C46 Datasheet HTML 10Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
4-107
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
Figure 5. External Clock Synchronization
Figure 4. Master/Slave Parallel Operation
Figure 3. Transformer Isolated Current Sense
Under Voltage Lockout
The under voltage lockout circuit forces the PWM con-
troller outputs OFF (LOW) if the supply voltage is below 7V.
Threshold hysteresis is 0.8V and guarantees clean, jitter-
free turn-ON and turn-OFF points. The hysteresis also
reduces capacitive filtering requirements at the PWM con-
troller supply input (pin 15).
Circuit Synchronization
Current-mode-controlled power supplies can be oper-
ated in parallel with a common load. Paralleled converters
will equally share the load current. Voltage-mode control-
lers unequally share the load current, decreasing system
reliability.
Two or more of these PWM controllers can be slaved
together for parallel operation. Circuits can operate from a
master PWM controller internal oscillator with an external
driver (Figure 4). Devices can also be slaved to an exter-
nal oscillator (Figure 5). Disable internal slave device os-
cillators by grounding pin 8. Slave controllers derive an
oscillator from the bidirectional synchronization output sig-
nal at pin 10.
Pin 10 is bidirectional in that it is intended to be both a
sync output and input. This is accomplished by making the
output driver "weak." This is advantageous in that it elimi-
nates an additional pin from the package but does not
enable the device to directly drive another device. In order
to make it an effective driver, a buffer is required (Figure 4).
In order to use pin 10 as a sync input, it is necessary to
overcome the internal driver. This requires a pulse with an
amplitude equal to VS. Since VS must be above 7V for the
undervoltage lockout to be disabled, a CMOS or open-
collector TTL driver should be used.
4
3
3.15 CURRENT–
SENSE AMPLIFIER
TCX8C46
VS
N
1
I S
VS =
IS • RS
N
×
+
+
MASTER
RT
SYNC
CMPTR
SLAVE
9
8
9
8
210
7
7
1/2 TC4427
VDD
TCx8C46
10
CT
VREF
CT
RT
CMPTR
SYNC
TCx8C46
1/2
TC4427
TCx8C46
TCx8C46
SYNC
SYNC
EXTERNAL*
OSCILLATOR
CT
29
29
10
15
15
VDD
8
10
VDD
*PULSE WIDTH OF
OSCILLATOR IS = TD
CT
VREF
RT
RT
VREF
CMOS CURRENT MODE
PWM CONTROLLERS
TC18C46
TC28C46
TC38C46


Similar Part No. - TC18C46

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC18C46 TELCOM-TC18C46 Datasheet
531Kb / 14P
   CMOS CURRENT MODE PWM CONTROLLER?
TC18C46MJE TELCOM-TC18C46MJE Datasheet
531Kb / 14P
   CMOS CURRENT MODE PWM CONTROLLER?
More results

Similar Description - TC18C46

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC170 MICROCHIP-TC170 Datasheet
476Kb / 16P
   CMOS Current Mode PWM Controller
2002
logo
TelCom Semiconductor, I...
TC18C46 TELCOM-TC18C46 Datasheet
531Kb / 14P
   CMOS CURRENT MODE PWM CONTROLLER?
TC170 TELCOM-TC170 Datasheet
104Kb / 8P
   CMOS CURRENT MODE PWM CONTROLLER
logo
Anpec Electronics Corop...
APW38HC42 ANPEC-APW38HC42 Datasheet
136Kb / 11P
   CMOS Current-Mode PWM Voltage Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com