Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC14433AEPG Datasheet(PDF) 9 Page - TelCom Semiconductor, Inc

Part # TC14433AEPG
Description  3-1/2 DIGIT A/D CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC14433AEPG Datasheet(HTML) 9 Page - TelCom Semiconductor, Inc

Back Button TC14433AEPG Datasheet HTML 2Page - TelCom Semiconductor, Inc TC14433AEPG Datasheet HTML 3Page - TelCom Semiconductor, Inc TC14433AEPG Datasheet HTML 4Page - TelCom Semiconductor, Inc TC14433AEPG Datasheet HTML 5Page - TelCom Semiconductor, Inc TC14433AEPG Datasheet HTML 6Page - TelCom Semiconductor, Inc TC14433AEPG Datasheet HTML 7Page - TelCom Semiconductor, Inc TC14433AEPG Datasheet HTML 8Page - TelCom Semiconductor, Inc TC14433AEPG Datasheet HTML 9Page - TelCom Semiconductor, Inc TC14433AEPG Datasheet HTML 10Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
3-135
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
3-1/2 DIGIT A/D CONVERTERS
TC14433
TC14433A
Figure 14. 3-1/2 Digit Voltmeter with Low Component Count Using Common Cathode Displays
X
CLK1
CLK0
OR
Q
Q
VSS
VDD
VEE
TC14433
INPUT
V
X
300k
RESISTOR
NETWORK
OR
INDIVIDUAL
RESISTOR*
R
+5V
MINUS
CONTROL
+5V
R
COMMON
CATHODE
LED DISPLAY
75492
OR
1413*
DIGIT DRIVERS
V
(MINUS)
EE**
ALTERNATE OVERRANGE CIRCUIT
WITH SEPARATED LED
+5V
OR
1/6
1/7
1413
75492
RR
OR
B1
A
B
C
D
LT
VSS VDD
a
b
c
d
e
f
g
I4511B
R /C
CC0 C0
For V
= 2000V
V : 1.999V full scale
For V
= 200 mV
V : 199.9 mV full scale
(change 470k to R = 27k
and decimal point position)
*To increase segment current
capability add two 75491 ICs
between 14511B and Resistor
Network. The use of the 1413
as digit driver increases digit
current capability over the 75492.
Peak digit current for an eight
displayed is 7 times the segment
current.
**V can range between –2.8 and
–11V.
470k 0.1
µF 0.1µF
DS DS DS DS
AG
V
V
DU
R
EOC
REF
V
REF
REF
11
1
1
2
0
1
Q2
43
2
1
M
RDP
1
LE
+5V
100k
TC04
27k


Similar Part No. - TC14433AEPG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC14433AEPG MICROCHIP-TC14433AEPG Datasheet
501Kb / 20P
   3-1/2 Digit, Analog-to-Digital Converter
2002
More results

Similar Description - TC14433AEPG

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7106 TELCOM-TC7106 Datasheet
296Kb / 19P
   3-1/2 DIGIT A/D CONVERTERS
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
National Semiconductor ...
ADC3511 NSC-ADC3511 Datasheet
286Kb / 9P
   3 1/2 DIGIT MICROPROCESSOR COMPATIBLE A/D
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Renesas Technology Corp
CA3162 RENESAS-CA3162 Datasheet
464Kb / 8P
   A/D Converters for 3-Digit Display
logo
Intersil Corporation
CA3162 INTERSIL-CA3162 Datasheet
109Kb / 7P
   A/D Converters for 3-Digit Display
August 1997
CA3162 INTERSIL-CA3162_02 Datasheet
579Kb / 7P
   A/D Converters for 3-Digit Display
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com