Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1412NCPA Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC1412NCPA
Description  2A HIGH-SPEED MOSFET DRIVERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1412NCPA Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC1412NCPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1412NCPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1412NCPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1412NCPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1412NCPA Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4-195
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC1412
TC1412N
OUTPUT
INPUT
GND
EFFECTIVE
INPUT
C = 10pF
300mV
INVERTING
OUTPUTS
NONINVERTING
OUTPUTS
VDD
TC1411N
4.7V
TC1411
TC1411
1
2
3
4
VDD
5
6
7
8
OUT
GND
VDD
IN
NC
GND
NC = NO INTERNAL CONNECTION
2
6, 7
INVERTING
NOTE: SOIC pinout is identical to DIP.
OUT
TC1411N
1
2
3
4
VDD
5
6
7
8
OUT
GND
VDD
IN
NC
GND
2
6, 7
NONINVERTING
OUT
PIN CONFIGURATIONS
FUNCTIONAL BLOCK DIAGRAM
2A HIGH-SPEED MOSFET DRIVERS
FEATURES
s
Latch-Up Protected: Will Withstand 500mA
Reverse Current
s
Input Will Withstand Negative Inputs Up to 5V
s
ESD Protected .....................................................4kV
s
High Peak Output Current .................................. 2A
s
Wide Operating Range .......................... 4.5V to 16V
s
High Capacitive Load
Drive Capability .......................... 1000pF in 18nsec
s
Short Delay Time .................................. 35nsec Typ
s
Consistent Delay Times With Changes in
Supply Voltage
s
Matched Delay Times
s
Low Supply Current
— With Logic “1” Input ................................. 500
µA
— With Logic “0” Input ................................. 150
µA
s
Low Output Impedance ....................................... 4
s
Pinout Same as TC1410/11/13
GENERAL DESCRIPTION
The TC1412/1412N are 2A CMOS buffer/drivers. They
will not latch up under any conditions within their power and
voltage ratings. They are not subject to damage when up to
5V of noise spiking of either polarity occurs on the ground
pin. They can accept, without damage or logic upset, up to
500 mA of current of either polarity being forced back into
their output. All terminals are fully protected against up to 4
kV of electrostatic discharge.
As MOSFET drivers, the TC1412/1412N can easily
switch 1000 pF gate capacitance in 18 ns with matched rise
and fall times, and provide low enough impedance in both
the ON and the OFF states to ensure the MOSFET’s
intended state will not be affected, even by large transients.
The rise and fall time edges are matched to allow driving
short-duration inputs with greater accuracy.
ORDERING INFORMATION
Part No.
Package
Temp. Range
TC1412COA
8-Pin SOIC
0
°C to +70°C
TC1412CPA
8-Pin Plastic DIP
0
°C to +70°C
TC1412EOA
8-Pin SOIC
– 40
°C to +85°C
TC1412EPA
8-Pin Plastic DIP
– 40
°C to +85°C
TC1412NCOA
8-Pin SOIC
0
°C to +70°C
TC1412NCPA
8-Pin Plastic DIP
0
°C to +70°C
TC1412NEOA
8-Pin SOIC
– 40
°C to +85°C
TC1412NEPA
8-Pin Plastic DIP
– 40
°C to +85°C
TC1412/N-7 10/11/96


Similar Part No. - TC1412NCPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1412NCPA MICROCHIP-TC1412NCPA Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
TC1412NCPA MICROCHIP-TC1412NCPA Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
TC1412NCPA MICROCHIP-TC1412NCPA Datasheet
819Kb / 24P
   2A High-Speed MOSFET Drivers
01/27/15
More results

Similar Description - TC1412NCPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1412NEOA713 MICROCHIP-TC1412NEOA713 Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
TC1412 MICROCHIP-TC1412_03 Datasheet
343Kb / 16P
   2A High-Speed MOSFET Drivers
2003
TC1412 MICROCHIP-TC1412_13 Datasheet
261Kb / 18P
   2A High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1412 MICROCHIP-TC1412_15 Datasheet
819Kb / 24P
   2A High-Speed MOSFET Drivers
01/27/15
TC1412 MICROCHIP-TC1412 Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
logo
Maxim Integrated Produc...
MAX5062 MAXIM-MAX5062_07 Datasheet
351Kb / 20P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
MAX15012 MAXIM-MAX15012_07 Datasheet
372Kb / 18P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com