Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC170CPE Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC170CPE
Description  CMOS CURRENT MODE PWM CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC170CPE Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

  TC170CPE Datasheet HTML 1Page - TelCom Semiconductor, Inc TC170CPE Datasheet HTML 2Page - TelCom Semiconductor, Inc TC170CPE Datasheet HTML 3Page - TelCom Semiconductor, Inc TC170CPE Datasheet HTML 4Page - TelCom Semiconductor, Inc TC170CPE Datasheet HTML 5Page - TelCom Semiconductor, Inc TC170CPE Datasheet HTML 6Page - TelCom Semiconductor, Inc TC170CPE Datasheet HTML 7Page - TelCom Semiconductor, Inc TC170CPE Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4-124
TELCOM SEMICONDUCTOR, INC.
CMOS CURRENT MODE
PWM CONTROLLER
TC170
4
3
3.15 CURRENT–
SENSE AMPLIFIER
TC170
VS
N
1
I S
VS =
IS • RS
N
×
+
+
Figure 5.
External Clock Synchronization
Figure 4.
Master/Slave Parallel Operation
Figure 3
Transformer Isolated Current Sense
Undervoltage Lockout
The undervoltage lockout circuit forces the TC170 out-
puts OFF (low) if the supply voltage is below 7.7V. Threshold
hysteresis is 0.75V and guarantees clean, jitter-free turn-on
and turn-off points. The hysteresis also reduces capacitive
filtering requirements at the PWM controller supply input
(pin 15).
Circuit Synchronization
Current-mode-controlled power supplies can be oper-
ated in parallel with a common load. Paralleled converters
will equally share the load current. Voltage-mode control-
lers unequally share the load current, decreasing system
reliability.
Two or more TC170 controllers can be slaved to-
gether for parallel operation. Circuits can operate from a
master TC170 internal oscillator with an external driver
(Figure 4). Devices can also be slaved to an external
oscillator (Figure 5). Disable internal slave device oscilla-
tors by grounding pin 8. Slave controllers derive an oscilla-
tor from the bidirectional synchronization output signal at
pin 10.
Pin 10 is bidirectional in that it is intended to be both a
sync output and input. This is accomplished by making the
output driver "weak." This is advantageous in that it elimi-
nates an additional pin from the package but does not
enable the device to directly drive another device. In order
to make it an effective driver, a buffer is required (Figure 4).
In order to use pin 10 as a sync input, it is necessary to
overcome the internal driver. This requires a pulse with an
amplitude equal to VIN. Since VIN must be above 8.25V for
the undervoltage lockout to be disabled, a CMOS or open-
collector TTL driver should be used.
MASTER
RO
SYNC
CMPTR
SLAVE
9
8
9
8
210
7
7
1/2 TC4427
VDD
TC170
10
CO
VREF
CO
RO
CMPTR
SYNC
TC170
1/2
TC4427
TC170
TC170
SYNC
SYNC
EXTERNAL*
OSCILLATOR
CO
29
29
10
15
15
8
10
VS
+
VDD
*PULSE WIDTH OF
OSCILLATOR IS = TD
CO
VREF
RO
RO
VREF
VIN
VIN


Similar Part No. - TC170CPE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC170CPE MICROCHIP-TC170CPE Datasheet
476Kb / 16P
   CMOS Current Mode PWM Controller
2002
More results

Similar Description - TC170CPE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC170 MICROCHIP-TC170 Datasheet
476Kb / 16P
   CMOS Current Mode PWM Controller
2002
logo
TelCom Semiconductor, I...
TC18C46-1 TELCOM-TC18C46-1 Datasheet
113Kb / 10P
   CMOS CURRENT MODE PWM CONTROLLER
TC18C46 TELCOM-TC18C46 Datasheet
531Kb / 14P
   CMOS CURRENT MODE PWM CONTROLLER?
logo
Anpec Electronics Corop...
APW38HC42 ANPEC-APW38HC42 Datasheet
136Kb / 11P
   CMOS Current-Mode PWM Voltage Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com