Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1426CPA Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC1426CPA
Description  1.2A DUAL HIGH-SPEED MOSFET DRIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1426CPA Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC1426CPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1426CPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1426CPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1426CPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1426CPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1426CPA Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4-209
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
1.2A DUAL HIGH-SPEED MOSFET DRIVERS
TC1426
TC1427
TC1428
ELECTRICAL CHARACTERISTICS: Over operating temperature range with 4.5V
≤ VDD + ≤ 16V unless
otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Input
VIH
Logic 1, Input Voltage
3
V
VIL
Logic 0, Input Voltage
0.8
V
IIN
Input Current
0V
≤ VIN ≤ VDD
– 10
10
µA
Output
VOH
High Output Voltage
Test Figures 1 and 2
VDD – 0.025
V
VOL
Low Output Voltage
Test Figures 1 and 2
0.025
V
RO
Output Resistance
VIN = 0.8V,
15
23
IOUT = 10mA, VDD = 16V
VIN = 3V,
10
18
IOUT = 10mA, VDD = 16V
I
Latch-Up Current
Withstand Reverse Current
> 500
mA
Switching Time (Note 1)
tR
Rise Time
Test Figures 1 and 2
60
nsec
tF
Fall Time
Test Figures 1 and 2
40
nsec
tD1
Delay Time
Test Figures 1 and 2
125
nsec
tD2
Delay Time
Test Figures 1 and 2
125
nsec
Power Supply
IS
Power Supply Current
VIN = 3V (Both Inputs)
13
mA
VIN = 0V (Both Inputs)
0.7
Note: 1. Switching times guaranteed by design.
SUPPLY BYPASSING
Large currents are required to charge and discharge
capacitive loads quickly. For example, charging a 1000-pF
load to 16V in 25nsec requires an 0.8A current from the
device power supply.
To guarantee low supply impedance over a wide fre-
quency range, a parallel capacitor combination is recom-
mended for supply bypassing. Low-inductance ceramic
MLC capacitors with short lead lengths (< 0.5-in.) should
be used. A 1.0-
µF film capacitor in parallel with one or two
0.1-
µF ceramic MLC capacitors normally provides adequate
bypassing.
GROUNDING
The TC1426 and TC1428 contain inverting drivers.
Individual ground returns for the input and output circuits or
a ground plane should be used. This will reduce negative
feedback that causes degradation in switching speed char-
acteristics.
INPUT STAGE
The input voltage level changes the no-load or quies-
cent supply current. The N-channel MOSFET input stage
transistor drives a 2.5 mA current source load. With a logic
"1" input, the maximum quiescent supply current is 9mA.
Logic "0" input level signals reduce quiescent current to 500
µA maximum. Unused driver inputs must be connected
to VDD or GND. Minimum power dissipation occurs for logic
"0" inputs for the TC1426/27/28.
The drivers are designed with 100 mV of hysteresis.
This provides clean transitions and minimizes output stage
current spiking when changing states. Input voltage thresh-
olds are approximately 1.5V, making logic "1" input any
voltage greater than 1.5V up to VDD. Input current is less
than 1
µA over this range.
The TC1426/27/28 may be directly driven by the TL494,
SG1526/27, TC38C42, TC170 and similar switch-mode
power supply integrated circuits.


Similar Part No. - TC1426CPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1426CPA MICROCHIP-TC1426CPA Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
TC1426CPA MICROCHIP-TC1426CPA Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
TC1426CPA MICROCHIP-TC1426CPA Datasheet
768Kb / 16P
   1.2A Dual High-Speed MOSFET Drivers
2001-2012 11/27/12
More results

Similar Description - TC1426CPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1426 MICROCHIP-TC1426 Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
TC1426 MICROCHIP-TC1426_13 Datasheet
768Kb / 16P
   1.2A Dual High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1426 MICROCHIP-TC1426_06 Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com