Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1412NCOA Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC1412NCOA
Description  2A HIGH-SPEED MOSFET DRIVERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1412NCOA Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC1412NCOA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1412NCOA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1412NCOA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1412NCOA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1412NCOA Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4-198
TELCOM SEMICONDUCTOR, INC.
2A HIGH-SPEED MOSFET DRIVERS
TC1412
TC1412N
0
100
200
300
400
500
16
14
12
10
8
6
4
VDD (VOLTS)
Quiescent Supply Current
vs. Supply Voltage
TA = 25°C
-40
-20
0
20
40
60
80
0
100
200
300
400
500
TEMPERATURE (
°C)
Quiescent Supply Current
vs. Temperature
VSUPPLY = 16V
VIN = 3V
VIN = 0V
VIN = 0V
VIN = 3V
1.1
1.2
1.3
1.4
1.5
1.6
16
14
12
10
8
6
4
VDD (VOLTS)
Input Threshold
vs. Supply Voltage
TA = 25°C
-40
-20
0
20406080
1.1
1.2
1.3
1.4
1.5
1.6
TEMPERATURE (
°C)
Input Threshold
vs. Temperature
VSUPPLY = 16V
VIH
VIL
VIL
VIH
1
3
5
7
9
11
13
16
14
12
10
8
6
4
VDD (VOLTS)
High-State Output Resistance
Low-State Output Resistance
T
A =
–40°C
T
A
= 8
5°C
T
A =
25°C
1
3
5
7
9
11
13
16
14
12
10
8
6
4
VDD (VOLTS)
T
A = –40
°C
T
A
= 85
°C
T
A =
25°C
TYPICAL CHARACTERISTICS


Similar Part No. - TC1412NCOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1412NCOA MICROCHIP-TC1412NCOA Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
TC1412NCOA MICROCHIP-TC1412NCOA Datasheet
819Kb / 24P
   2A High-Speed MOSFET Drivers
01/27/15
TC1412NCOA713 MICROCHIP-TC1412NCOA713 Datasheet
819Kb / 24P
   2A High-Speed MOSFET Drivers
01/27/15
More results

Similar Description - TC1412NCOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1412NEOA713 MICROCHIP-TC1412NEOA713 Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
TC1412 MICROCHIP-TC1412_03 Datasheet
343Kb / 16P
   2A High-Speed MOSFET Drivers
2003
TC1412 MICROCHIP-TC1412_13 Datasheet
261Kb / 18P
   2A High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1412 MICROCHIP-TC1412_15 Datasheet
819Kb / 24P
   2A High-Speed MOSFET Drivers
01/27/15
TC1412 MICROCHIP-TC1412 Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
logo
Maxim Integrated Produc...
MAX5062 MAXIM-MAX5062_07 Datasheet
351Kb / 20P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
MAX15012 MAXIM-MAX15012_07 Datasheet
372Kb / 18P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com