Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLZ4.3B Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # RLZ4.3B
Description  Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

RLZ4.3B Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  RLZ4.3B Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd RLZ4.3B Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
RLZ Series
www.kexin.com.cn
2
Electrical Characteristics (Ta = 25
)
Min.
Max.
IZ (mA)
Max.
IZ (mA)
Max.
IZ (mA)
Max.
VR (V)
RLZ13B
12.55
13.21
10
14
10
110
0.5
0.2
10
RLZ15B
13.89
14.62
10
16
10
110
0.5
0.2
11
RLZ16B
15.25
16.04
10
18
10
150
0.5
0.2
12
RLZ18B
16.82
17.70
10
23
10
150
0.5
0.2
13
RLZ20B
18.63
19.59
10
28
10
200
0.5
0.2
15
RLZ22B
20.64
21.71
5
30
5
200
0.5
0.2
17
RLZ24B
22.61
23.77
5
35
5
200
0.5
0.2
19
RLZ27B
24.97
26.26
5
45
5
250
0.5
0.2
21
RLZ30B
27.70
29.13
5
55
5
250
0.5
0.2
23
RLZ33B
30.32
31.88
5
65
5
250
0.5
0.2
25
RLZ36B
32.79
34.49
5
75
5
250
0.5
0.2
27
RLZ39B
35.36
37.19
5
85
5
250
0.5
0.2
30
* The zener voltage is measured 40ms after power is supplied.
Rising operating
resistance ZZK (
)
Reverse current
IR (
A)
Type
Zener voltage
VZ (V)
Operating resistance
ZZ (
)


Similar Part No. - RLZ4.3B

ManufacturerPart #DatasheetDescription
logo
Rohm
RLZ4.3B ROHM-RLZ4.3B Datasheet
188Kb / 5P
   Zener diode
RLZ4.3B ROHM-RLZ4.3B Datasheet
188Kb / 5P
   Zener diode
RLZ4.3B ROHM-RLZ4.3B Datasheet
188Kb / 5P
   Zener diode
RLZ4.3B ROHM-RLZ4.3B Datasheet
188Kb / 5P
   Zener diode
RLZ4.3B ROHM-RLZ4.3B Datasheet
186Kb / 5P
   Zener diode
More results

Similar Description - RLZ4.3B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com