Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1839 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1839
Description  PNP Epitaxial Planar Silicon Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1839 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1839 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
PNP Epitaxial Planar Silicon Transistors
2SA1839
Features
Very small-sized package permitting 2SA1839-applied
sets to be made small and slim
Small output capacitance.
Low collector-to-emitter saturation voltage
Low ON resistance
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-15
V
Collector-emitter voltage
VCEO
-10
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-100
mA
Collector current (pulse)
ICP
-200
mA
Base current
IB
-20
mA
Collector dissipation
PC
250
mW
Jumction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
IcBO
VCB =-12V , IE =0
-0.1
ìA
Emitter cutoff current
IEBO
VEB =-4V , IC =0
-0.1
ìA
DC current Gain
hFE
VCE =-2V , IC = -5mA
200
600
Gain bandwidth product
fT
VCE =-5V , IC =-10mA
600
MHz
Common base output capacitance
Cob
VCB = -10V , f = 1MHz
0.9
pF
Collector-to-emitter saturation voltage
VCE(sat) IC =-10mA , IB =-1mA
-0.04
-0.15
mV
Base-to-emitter saturation voltage
VBE(sat) IC =-10mA , IB =-1mA
-0.82
-1.1
V
Collector-to-base breakdown voltage
V(BR)CBO IC =-10ìA , IE =0
-15
V
Collector-to-emitter breakdown voltage
V(BR)CEO IC =-1mA , RBE =
-10
V
Emitter-to-base breakdown voltage
V(BR)EBO IE =-10ìA , IC =0
-15
V
ON Resistance
Ron
IB=-3mA,f=1MHz
3.0
Ù
Marking
Marking
LS


Similar Part No. - 2SA1839

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1839 SANYO-2SA1839 Datasheet
82Kb / 3P
   Muting Circuit Applications?
logo
Guangdong Kexin Industr...
2SA1839-3 KEXIN-2SA1839-3 Datasheet
1Mb / 3P
   PNP Transistors
2SA1839-HF KEXIN-2SA1839-HF Datasheet
1Mb / 3P
   PNP Transistors
2SA1839-HF-3 KEXIN-2SA1839-HF-3 Datasheet
1Mb / 3P
   PNP Transistors
More results

Similar Description - 2SA1839

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
PN3644 MICRO-ELECTRONICS-PN3644 Datasheet
143Kb / 1P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
logo
Rectron Semiconductor
BC556A RECTRON-BC556A Datasheet
92Kb / 3P
   PNP Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CP754 CDIL-CP754 Datasheet
148Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2907 CDIL-MPS2907 Datasheet
198Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC559 CDIL-BC559 Datasheet
304Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC460 CDIL-BC460 Datasheet
92Kb / 2P
   PNP EPITAXIAL PLANAR SILICON TRANSISTORS
BFX87 CDIL-BFX87 Datasheet
94Kb / 3P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com