Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TC1426 Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part No. TC1426
Description  1.2A DUAL HIGH-SPEED MOSFET DRIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TELCOM [TelCom Semiconductor, Inc]
Homepage  http://www.telcom-semi.com
Logo 

TC1426 Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4-212
TELCOM SEMICONDUCTOR, INC.
TYPICAL CHARACTERISTIC (Cont.)
100mA
50mA
10mA
15
13
11
9
7
5
5
79
11
13
15
VDD
Low-State Output Resistance
TA = +25°C
(V)
50
42
34
26
18
10
5
7
9
11
13
15
VDD
100mA
50mA
10mA
High-State Output Resistance
TA = +25°C
(V)
200
0
400
600
800
1000
1200
1400
1600
0
10
20
30
40
50
60
70
80
90
100
110
120
AMBIENT TEMPERATURE (
°C)
8 Pin DIP
Thermal Derating Curves
8 Pin CerDIP
8 Pin SOIC
10 -8
10 -9
10 -10
46
8
10
12
14
16
18
VDD (V)
Crossover Energy Loss
TA = +25°C
20
15
10
5
0
1
234
5
6
SUPPLY CURRENT (mA)
BOTH INPUTS LOGIC “1”
Quiescent Power Supply
Current vs. Supply Voltage
0
20
15
10
5
0
50
100
150
200
300
400
SUPPLY CURRENT (
µA)
Quiescent Power Supply
Current vs. Supply Voltage
BOTH INPUTS LOGIC “0”
1.2A DUAL HIGH-SPEED MOSFET DRIVERS
TC1426
TC1427
TC1428


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC14261.2A Dual High-Speed MOSFET Drivers 1 2 3 4 5 MoreMicrochip Technology
TC4261.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 TelCom Semiconductor, Inc
TPS2811DUAL HIGH-SPEED MOSFET DRIVERS 1 2 3 4 5 MoreTexas Instruments
TC44233A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 MoreTelCom Semiconductor, Inc
TC44261.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 MoreTelCom Semiconductor, Inc
MAX4426Dual High-Speed 1.5A MOSFET Drivers 1 2 3 4 5 MoreMaxim Integrated Products
TC4426A1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 TelCom Semiconductor, Inc
TC4261.5A Dual High-Speed Power MOSFET Drivers 1 2 3 4 5 MoreMicrochip Technology
TC44233A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 MoreMicrochip Technology
TC44261.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 MoreMicrochip Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn