Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1411CPA Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC1411CPA
Description  1A HIGH-SPEED MOSFET DRIVERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1411CPA Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC1411CPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1411CPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1411CPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1411CPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1411CPA Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
4-193
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
1A HIGH-SPEED MOSFET DRIVERS
TC1411
TC1411N
0
20
40
60
80
100
16
14
12
10
8
6
4
VDD (VOLTS)
Rise Time vs. Supply Voltage
CLOAD = 1000pF
TA = –40°C
TA = 25°C
TA = 85°C
0
20
40
60
80
100
16
14
12
10
8
6
4
VDD (VOLTS)
Fall Time vs. Supply Voltage
CLOAD = 1000pF
TA=–40°C
TA=25°C
TA = 85°C
0
20
40
60
80
100
16
14
12
10
8
6
4
VDD (VOLTS)
TD1 Propagation Delay vs. Supply Voltage
CLOAD = 1000pF
TA = –40°C
TA = 25°C
TA = 85°C
0
20
40
60
80
100
16
14
12
10
8
6
4
VDD (VOLTS)
TD2 Propagation Delay vs. Supply Voltage
CLOAD = 1000pF
TA = –40°C
TA=25°C
TA = 85°C
0
500
1000
1500
2000
2500
3000
3500
0
20
40
60
80
100
CLOAD (pF)
Rise and Fall Times vs. Capacitive Load
TA = 25°C, VDD = 16V
TFALL
TRISE
Propagation Delays vs. Capacitive Load
TA = 25°C, VDD = 16V
TD2
TD1
0
500
1000
1500
2000
2500
3000
3500
CLOAD (pF)
26
28
30
32
34
36
TYPICAL CHARACTERISTICS (Cont.)


Similar Part No. - TC1411CPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1411CPA MICROCHIP-TC1411CPA Datasheet
436Kb / 14P
   1A High-Speed MOSFET Drivers
2002
TC1411CPA MICROCHIP-TC1411CPA Datasheet
714Kb / 18P
   1A High-Speed MOSFET Drivers
08/29/06
More results

Similar Description - TC1411CPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1411NEOA713 MICROCHIP-TC1411NEOA713 Datasheet
714Kb / 18P
   1A High-Speed MOSFET Drivers
08/29/06
TC1411 MICROCHIP-TC1411 Datasheet
436Kb / 14P
   1A High-Speed MOSFET Drivers
2002
TC1411 MICROCHIP-TC1411_06 Datasheet
762Kb / 18P
   1A High-Speed MOSFET Drivers
2006
TC1411 MICROCHIP-TC1411_13 Datasheet
994Kb / 26P
   1A High-Speed MOSFET Drivers
11/29/12
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
   High Speed MOSFET Drivers
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com