Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1939 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1939
Description  Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1939 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1939 Datasheet HTML 3Page - Linear Technology LT1939 Datasheet HTML 4Page - Linear Technology LT1939 Datasheet HTML 5Page - Linear Technology LT1939 Datasheet HTML 6Page - Linear Technology LT1939 Datasheet HTML 7Page - Linear Technology LT1939 Datasheet HTML 8Page - Linear Technology LT1939 Datasheet HTML 9Page - Linear Technology LT1939 Datasheet HTML 10Page - Linear Technology LT1939 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT1939
7
1939f
PIN FUNCTIONS
PG (Pin 4): The power good pin is an open-collector
output that sinks current when the FB or LFB falls below
90% of its nominal regulating voltage. For VIN above 2V,
its output state remains true, although during SHDN, VIN
undervoltage lockout, or thermal shutdown, its current
sink capability is reduced.
VC (Pin 5): The VC pin is the output of the error amplifier
and the input to the peak switch current comparator. It is
normally used for frequency compensation, but can also
be used as a current clamp or control loop override. If
the error amplifier drives VC above the maximum switch
current level, a voltage clamp activates. This indicates that
the output is overloaded and current to be pulled from the
SS pin reducing the regulation point.
RT/SYNC (Pin 6): This RT/SYNC pin provides two modes
of setting the constant switch frequency.
Connecting a resistor from the RT/SYNC pin to ground
will set the RT/SYNC pin to a typical value of 1V. The
resultant switching frequency will be set by the resistor
value. The minimum value of 15kΩ and maximum value
of 200kΩ set the switching frequency to 2.5MHz and
250kHz respectively.
Driving the RT/SYNC pin with an external clock signal
will synchronize the switch to the applied frequency.
Synchronization occurs on the rising edge of the clock
signal after the clock signal is detected. Each rising clock
edge initiates an oscillator ramp reset. A gain control loop
servos the oscillator charging current to maintain a con-
stant oscillator amplitude. Hence, the slope compensation
remains unchanged. If the clock signal is removed, the
oscillator reverts to resistor mode and reapplies the 1V
bias to the RT/SYNC pin after the synchronization detection
circuitry times out. The clock source impedance should
be set such that the current out of the RT/SYNC pin in
resistor mode generates a frequency roughly equivalent
to the synchronization frequency. Floating or holding the
RT/SYNC pin above 1.1V will not damage the device, but
will halt oscillation.
PG (Pin 7): The power good bar pin is an open-collector
output that sinks current when the FB or LFB rises above
90% of its nominal regulating voltage.
FB (Pin 8): The FB pin is the negative input to the switcher
error amplifier. The output switches to regulate this pin to
0.8V with respect to the exposed ground pad. Bias current
flows out of the FB pin.
LFB (Pin 9): The LFB pin is the negative input to the linear
error amplifier. The LDRV pin servo’s to regulate this pin to
0.8V with respect to the exposed ground pad. Bias current
flows out of the LFB pin.
LDRV (Pin 10): The LDRV pin is the emitter of an inter-
nal NPN that can be configured as an output of a linear
regulator or as the drive for an external NPN high current
regulator. Current flows out of the LDRV pin when the
LFB pin voltage is below 0.8V. The LDRV pin has a typical
maximum current capability of 13mA.
BST (Pin 11): The BST pin provides a higher than VIN base
drive to the power NPN to ensure a low switch drop. A
comparator to VIN imposes a minimum off time on the SW
pin if the BST pin voltage drops too low. Forcing a SW off
time allows the boost capacitor to recharge.
SW (Pin 12): The SW pin is the emitter of the on-chip
power NPN. At switch off, the inductor will drive this pin
below ground with a high dV/dt. An external catch diode to
ground, close to the SW pin and respective VIN decoupling
capacitor’s ground, must be used to prevent this pin from
excessive negative voltages.
Exposed Pad (Pin 13): GND. The Exposed Pad is the
only ground connection for the device. The Exposed Pad
should be soldered to a large copper area to reduce ther-
mal resistance. The GND pin also serves as small-signal
ground. For ideal operation all small-signal ground paths
should connect to the GND pin at a single point, avoiding
any high current ground returns.


Similar Part No. - LT1939

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1939 LINER-LT1939 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939 Datasheet
441Kb / 34P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
LT1939 LINER-LT1939 Datasheet
382Kb / 28P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
More results

Similar Description - LT1939

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
logo
Renesas Technology Corp
EL7532 RENESAS-EL7532 Datasheet
506Kb / 9P
   Monolithic 2A Step-Down Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
EL7532 INTERSIL-EL7532 Datasheet
226Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Linear Technology
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3510 LINER-LT3510 Datasheet
310Kb / 28P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com