Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1937ES5 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1937ES5
Description  White LED Step-Up Converter in SC70 and ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1937ES5 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1937ES5 Datasheet HTML 2Page - Linear Technology LT1937ES5 Datasheet HTML 3Page - Linear Technology LT1937ES5 Datasheet HTML 4Page - Linear Technology LT1937ES5 Datasheet HTML 5Page - Linear Technology LT1937ES5 Datasheet HTML 6Page - Linear Technology LT1937ES5 Datasheet HTML 7Page - Linear Technology LT1937ES5 Datasheet HTML 8Page - Linear Technology LT1937ES5 Datasheet HTML 9Page - Linear Technology LT1937ES5 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1937
1937f
LED Current Control
The LED current is controlled by the feedback resistor (R1
in Figure 1). The feedback reference is 95mV. The LED
current is 95mV/R1. In order to have accurate LED current,
precision resistors are preferred (1% is recommended).
The formula and table for R1 selection are shown below.
R1 = 95mV/ILED
(1)
Table 4. R1 Resistor Value Selection
ILED (mA)
R1 (
Ω)
5
19.1
10
9.53
12
7.87
15
6.34
20
4.75
Open-Circuit Protection
In the cases of output open circuit, when the LEDs are
disconnected from the circuit or the LEDs fail, the feed-
back voltage will be zero. The LT1937 will then switch at
a high duty cycle resulting in a high output voltage, which
may cause the SW pin voltage to exceed its maximum 36V
rating. A zener diode can be used at the output to limit the
voltage on the SW pin (Figure 5). The zener voltage should
be larger than the maximum forward voltage of the LED
string. The current rating of the zener should be larger than
0.1mA.
APPLICATIO S I FOR ATIO
Dimming Control
There are four different types of dimming control circuits:
1. Using a PWM Signal to SHDN Pin
With the PWM signal applied to the SHDN pin, the LT1937
is turned on or off by the PWM signal. The LEDs operate
at either zero or full current. The average LED current
increases proportionally with the duty cycle of the PWM
signal. A 0% duty cycle will turn off the LT1937 and
corresponds to zero LED current. A 100% duty cycle
corresponds to full current. The typical frequency range of
the PWM signal is 1kHz to 10kHz. The magnitude of the
PWM signal should be higher than the minimum SHDN
voltage high. The switching waveforms of the SHDN pin
PWM control are shown in Figures 6a and 6b.
Figure 5. LED Driver with Open-Circuit Protection
200
µs/DIV
1937 F06a
FB
100mV/DIV
SHDN
2V/DIV
(6a) 1kHz
20
µs/DIV
1937 F06b
FB
100mV/DIV
SHDN
2V/DIV
(6b) 10kHz
Figure 6. PWM Dimming Control Using the SHDN Pin
PWM
LT1937
SHDN
VIN
SW
LT1937
L
22
µH
COUT
0.22
µF
CIN
1
µF
1937 F05
VIN
SHDN
R1
6.34
R2
1k
FB
D
GND


Similar Part No. - LT1937ES5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1937 LINER-LT1937 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT1937 LINER-LT1937 Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT1937 LINER-LT1937 Datasheet
368Kb / 12P
   White LED Step-Up Converter in SC70 and ThinSOT
LT1937 LINER-LT1937_15 Datasheet
368Kb / 12P
   White LED Step-Up Converter in SC70 and ThinSOT
More results

Similar Description - LT1937ES5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1937 LINER-LT1937_15 Datasheet
368Kb / 12P
   White LED Step-Up Converter in SC70 and ThinSOT
LT3460 LINER-LT3460 Datasheet
211Kb / 12P
   1.3MHz Step-Up DC/DC Converter in SC70 and ThinSOT
LT3460 LINER-LT3460_15 Datasheet
207Kb / 12P
   1.3 MHz/650kHz Step-Up DC/DC Converter in SC70, ThinSOT and DFN
LT3460-1 LINER-LT3460-1_15 Datasheet
207Kb / 12P
   1.3 MHz/650kHz Step-Up DC/DC Converter in SC70, ThinSOT and DFN
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
   White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
logo
Analog Intergrations Co...
AIC1647 AIC-AIC1647 Datasheet
413Kb / 11P
   WHITE LED STEP-UP CONVERTER IN SOT23
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com