Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1936EMS8E-TR Datasheet(PDF) 10 Page - Linear Technology

Part # LT1936EMS8E-TR
Description  1.4A, 500kHz Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1936EMS8E-TR Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1936EMS8E-TR Datasheet HTML 6Page - Linear Technology LT1936EMS8E-TR Datasheet HTML 7Page - Linear Technology LT1936EMS8E-TR Datasheet HTML 8Page - Linear Technology LT1936EMS8E-TR Datasheet HTML 9Page - Linear Technology LT1936EMS8E-TR Datasheet HTML 10Page - Linear Technology LT1936EMS8E-TR Datasheet HTML 11Page - Linear Technology LT1936EMS8E-TR Datasheet HTML 12Page - Linear Technology LT1936EMS8E-TR Datasheet HTML 13Page - Linear Technology LT1936EMS8E-TR Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT1936
10
1936fd
APPLICATIONS INFORMATION
This is the minimum output capacitance required, not
the nominal capacitor value. For example, a 3.3V output
requires 20μF of output capacitance. If a small 22μF, 6.3V
ceramic capacitor is used, the circuit may be unstable be-
cause the effective capacitance is lower than the nominal
capacitance when biased at 3.3V. Look carefully at the
capacitor’s data sheet to find out what the actual capaci-
tance is under operating conditions (applied voltage and
temperature). A physically larger capacitor, or one with a
higher voltage rating, may be required.
High performance electrolytic capacitors can be used for
the output capacitor. Low ESR is important, so choose one
that is intended for use in switching regulators. The ESR
should be specified by the supplier, and should be 0.05Ω
or less. Such a capacitor will be larger than a ceramic
capacitor and will have a larger capacitance, because the
capacitor must be large to achieve low ESR. Table 2 lists
several capacitor vendors.
Frequency Compensation
The LT1936 uses current mode control to regulate the
output. This simplifies loop compensation. In particular, the
LT1936 does not require the ESR of the output capacitor
for stability, so you are free to use ceramic capacitors to
achieve low output ripple and small circuit size.
Frequency compensation is provided by the components
tied to the VC pin, as shown in Figure 1. Generally a capaci-
tor (CC) and a resistor (RC) in series to ground are used.
In addition, there may be lower value capacitor in parallel.
This capacitor (CF) is not part of the loop compensation
but is used to filter noise at the switching frequency, and
is required only if a phase-lead capacitor is used or if the
output capacitor has high ESR. An alternative to using
external compensation components is to use the internal
RC network by tying the COMP pin to the VC pin. This re-
duces component count but does not provide the optimum
transient response when the output capacitor value is high,
and the circuit may not be stable when the output capacitor
value is low. If the internal compensation network is not
used, tie COMP to ground or leave it floating.
Loop compensation determines the stability and transient
performance. Designing the compensation network is a bit
Figure 1. Model for Loop Response
Table 2. Capacitor Vendors
VENDOR
PHONE
URL
PART SERIES
COMMENTS
Panasonic
(714) 373-7366
www.panasonic.com
Ceramic,
Polymer,
Tantalum
EEF Series
Kemet
(864) 963-6300
www.kemet.com
Ceramic,
Tantalum
T494, T495
Sanyo
(408) 749-9714
www.sanyovideo.com
Ceramic,
Polymer,
Tantalum
POSCAP
Murata
(404) 436-1300
www.murata.com
Ceramic
AVX
www.avxcorp.com
Ceramic,
Tantalum
TPS Series
Taiyo Yuden
(864) 963-6300
www.taiyo-yuden.com
Ceramic
1.2V
SW
VC
COMP
GND
50k
600k
150pF
LT1936
1936 F01
R1
OUTPUT
ESR
CF
CC
RC
ERROR
AMPLIFIER
FB
R2
C1
C1
CURRENT MODE
POWER STAGE
gm = 2mho
gm =
250μmho
+
POLYMER
OR
TANTALUM
CERAMIC
CPL


Similar Part No. - LT1936EMS8E-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1936 LINER-LT1936 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
More results

Similar Description - LT1936EMS8E-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT1506 LINER-LT1506 Datasheet
417Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374 Datasheet
297Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
RH1959MILDICE LINER-RH1959MILDICE_15 Datasheet
103Kb / 2P
   4.5A, 500KHz Step-Down Switching Regulator
LT1959 LINER-LT1959 Datasheet
292Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374_15 Datasheet
708Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT1959 LINER-LT1959_15 Datasheet
303Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1506 LINER-LT1506_15 Datasheet
305Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
   Dual Monolithic 1.4A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com