Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1936HMS8E Datasheet(PDF) 2 Page - Linear Technology

Part # LT1936HMS8E
Description  1.4A, 500kHz Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1936HMS8E Datasheet(HTML) 2 Page - Linear Technology

  LT1936HMS8E Datasheet HTML 1Page - Linear Technology LT1936HMS8E Datasheet HTML 2Page - Linear Technology LT1936HMS8E Datasheet HTML 3Page - Linear Technology LT1936HMS8E Datasheet HTML 4Page - Linear Technology LT1936HMS8E Datasheet HTML 5Page - Linear Technology LT1936HMS8E Datasheet HTML 6Page - Linear Technology LT1936HMS8E Datasheet HTML 7Page - Linear Technology LT1936HMS8E Datasheet HTML 8Page - Linear Technology LT1936HMS8E Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1936
2
1936fd
PIN CONFIGURATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
VIN Voltage................................................. –0.4V to 36V
BOOST Voltage .........................................................43V
BOOST Above SW Voltage ........................................20V
SHDN Voltage ............................................ –0.4V to 36V
FB, VC, COMP Voltage.................................................6V
Operating Temperature Range (Note 2)
LT1936E............................................... –40°C to 85°C
LT1936I.............................................. –40°C to 125°C
LT1936H ............................................ –40°C to 150°C
Maximum Junction Temperature
LT1936E, LT1936I ............................................. 125°C
LT1936H ........................................................... 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
1
2
3
4
BOOST
VIN
SW
GND
8
7
6
5
COMP
VC
FB
SHDN
TOP VIEW
9
MS8E PACKAGE
8-LEAD PLASTIC MSOP
θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VBOOST = 17V, unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Undervoltage Lockout
3.45
3.6
V
Quiescent Current
VFB = 1.5V
1.8
2.5
mA
Quiescent Current in Shutdown
VSHDN = 0V
0.1
2
μA
FB Voltage
1.175
1.200
1.215
V
FB Pin Bias Current (Note 4)
VFB = 1.20V, E and I Grades
H Grade
50
50
200
300
nA
nA
FB Voltage Line Regulation
VIN = 5V to 36V
0.01
%/V
Error Amp gm
VC = 0.5V, IVC = ±5μA
250
μS
Error Amp Voltage Gain
VC = 0.8V, 1.2V
150
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1936EMS8E#PBF
LT1936EMS8E#TRPBF
LTBMT
8-Lead Plastic MSOP
–40°C to 85°C
LT1936IMS8E#PBF
LT1936IMS8E#TRPBF
LTBRV
8-Lead Plastic MSOP
–40°C to 125°C
LT1936HMS8E#PBF
LT1936HMS8E#TRPBF
LTBWB
8-Lead Plastic MSOP
–40°C to 150°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1936EMS8E
LT1936EMS8E#TR
LTBMT
8-Lead Plastic MSOP
–40°C to 85°C
LT1936IMS8E
LT1936IMS8E#TR
LTBRV
8-Lead Plastic MSOP
–40°C to 125°C
LT1936HMS8E
LT1936HMS8E#TR
LTBWB
8-Lead Plastic MSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LT1936HMS8E

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1936 LINER-LT1936 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
More results

Similar Description - LT1936HMS8E

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT1506 LINER-LT1506 Datasheet
417Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374 Datasheet
297Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
RH1959MILDICE LINER-RH1959MILDICE_15 Datasheet
103Kb / 2P
   4.5A, 500KHz Step-Down Switching Regulator
LT1959 LINER-LT1959 Datasheet
292Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374_15 Datasheet
708Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT1959 LINER-LT1959_15 Datasheet
303Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1506 LINER-LT1506_15 Datasheet
305Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
   Dual Monolithic 1.4A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com