Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1220 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # D1220
Description  Silicon NPN Epitaxial Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

D1220 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  D1220 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
www.kexin.com.cn
Silicon NPN Epitaxial Transistor
2SD1220
Features
Power Amplifier Applications
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
150
V
Collector-emitter voltage
VCEO
150
V
Emitter-base voltage
VEBO
6V
Collector current
IC
1.5
A
Base current
IB
1A
Collector power dissipation
Ta = 25
1
Tc = 25
10
Junction temperature
Tj
150
Storage temperature range
Tstg
-55 to +150
PC
W
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cut-off current
ICBO
VCB = 150 V, IE =0
1.0
ìA
Emitter cut-off current
IEBO
VEB =6V, IC =0
1.0
ìA
Collector-emitter breakdown voltage
V (BR) CEO
IC =10mA, IB = 0
150
V
DC current gain
hFE
VCE =5V, IC = 200 mA
60
320
Collector-emitter saturation voltage
VCE (sat)
IC = 500 mA, IB =50mA
1.5
V
Base-emitter voltage
VBE
VCE =5V, IC =5mA
0.5
0.8
V
Transition frequency
fT
VCE =5V, IC = 200 mA
20
100
MHz
Collector output capacitance
Cob
VCB =10V, IE = 0, f = 1 MHz
13
20
pF
hFE Classification
Marking
Rank
R
O
Y
hFE
60 to 120
100 to 200
160 to 320
D1220


Similar Part No. - D1220

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D122 MPD-D122 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
List of Unclassifed Man...
D122/L ETC2-D122/L Datasheet
45Kb / 8P
   Control/Communicators
logo
Seme LAB
D1221UK SEME-LAB-D1221UK Datasheet
60Kb / 4P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 10W - 12.5V - 175MHz SINGLE ENDED
D1222UK SEME-LAB-D1222UK Datasheet
19Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 60W - 12.5V - 175MHz PUSH-PULL
logo
Guangzhou Reicu Electro...
D122424S-1W REICU-D122424S-1W Datasheet
2Mb / 1P
   1600VDC Isolated 1W Double Output SIP-Package
REV:3.1
More results

Similar Description - D1220

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com