Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1410 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC1410
Description  0.5A HIGH-SPEED MOSFET DRIVERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1410 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC1410 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1410 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1410 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1410 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1410 Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4-184
TELCOM SEMICONDUCTOR, INC.
0.5A HIGH-SPEED MOSFET DRIVERS
TC1410
TC1410N
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ......................................................... +20V
Input Voltage, IN A or IN B . (VDD + 0.3V) to (GND – 5.0V)
Maximum Chip Temperature ................................. +150
°C
Storage Temperature Range ................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
Package Thermal Resistance
CerDIP RθJ-A ................................................ 150°C/W
CerDIP RθJ-C .................................................. 50°C/W
PDIP RθJ-A ................................................... 125°C/W
PDIP RθJ-C ..................................................... 42°C/W
SOIC RθJ-A ................................................... 155°C/W
SOIC RθJ-C ..................................................... 45°C/W
Operating Temperature Range
C Version ............................................... 0
°C to +70°C
E Version .......................................... – 40
°C to +85°C
Power Dissipation (TA ≤ 70°C)
Plastic DIP ...................................................... 730mW
CerDIP ............................................................ 800mW
SOIC ............................................................... 470mW
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under "Absolute Maximum Ratings" may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operation sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
ELECTRICAL CHARACTERISTICS: Over operating temperature range with 4.5V
≤ VDD ≤ 16V, unless other-
wise specified. Typical values are measured at TA=25°C; VDD =16V.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Input
VIH
Logic 1 High Input Voltage
2.0
V
VIL
Logic 0 Low Input Voltage
0.8
V
IIN
Input Current
– 5V
≤ VIN ≤ VDD
TA = 25°C– 1
1
µA
– 40
°C ≤ TA ≤ 85°C
– 10
10
Output
VOH
High Output Voltage
DC Test
VDD – 0.025
V
VOL
Low Output Voltage
DC Test
0.025
V
RO
Output Resistance
VDD = 16V, IO = 10mA
TA=25°C
16
22
0
°C ≤ TA ≤ 70°C
20
28
– 40
°C ≤ TA ≤ 85°C
—20
28
IPK
Peak Output Current
VDD = 16V
0.5
A
IREV
Latch-Up Protection
Duty Cycle
≤ 2%
0.5
A
Withstand Reverse Current
t
≤ 300 µsec
Switching Time (Note 1)
tR
Rise Time
Figure 1
TA = 25°C
25
35
nsec
0
°C ≤ TA ≤ 70°C
27
40
– 40
°C ≤ TA ≤ 85°C
—29
40
tF
Fall Time
Figure 1
TA = 25°C
25
35
nsec
0
°C ≤ TA ≤ 70°C
27
40
– 40
°C ≤ TA ≤ 85°C
—29
40
tD1
Delay Time
Figure 1
TA = 25°C
30
40
nsec
0
°C ≤ TA ≤ 70°C
33
45
– 40
°C ≤ TA ≤ 85°C
—35
45
tD2
Delay Time
Figure 1
TA = 25°C
30
40
nsec
0
°C ≤ TA ≤ 70°C
33
45
– 40
°C ≤ TA ≤ 85°C
—35
45
Power Supply
IS
Power Supply Current
VIN = 3V
VDD = 16V
0.5
1.0
mA
VIN = 0V
0.1
0.15
NOTE: 1. Switching times are guaranteed by design.
VDD = 16V


Similar Part No. - TC1410

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1410 MICROCHIP-TC1410 Datasheet
311Kb / 16P
   0.5A High-Speed MOSFET Drivers
2003
TC1410 MICROCHIP-TC1410 Datasheet
266Kb / 18P
   0.5A High-Speed MOSFET Drivers
11/27/12
TC1410EUA MICROCHIP-TC1410EUA Datasheet
266Kb / 18P
   0.5A High-Speed MOSFET Drivers
11/27/12
TC1410N MICROCHIP-TC1410N Datasheet
311Kb / 16P
   0.5A High-Speed MOSFET Drivers
2003
TC1410N MICROCHIP-TC1410N Datasheet
734Kb / 26P
   0.5A High-Speed MOSFET Drivers
11/29/12
More results

Similar Description - TC1410

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1410 MICROCHIP-TC1410 Datasheet
311Kb / 16P
   0.5A High-Speed MOSFET Drivers
2003
TC1410 MICROCHIP-TC1410_13 Datasheet
734Kb / 26P
   0.5A High-Speed MOSFET Drivers
11/29/12
TC1410EUA MICROCHIP-TC1410EUA Datasheet
266Kb / 18P
   0.5A High-Speed MOSFET Drivers
11/27/12
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
   High Speed MOSFET Drivers
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com